Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BIC007T Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIC007T
Description  Inductive Couplers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIC007T Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIC007T Datasheet HTML 1Page - Balluff Korea Ltd. BIC007T Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Couplers
BIC 1I22-P2A02-M18MN2-EPX07-050
Order Code: BIC007T
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 257011
ETIM 6.0: EC002714
BIC007T_0.61_2021-03-30
2 / 2
Mechanical data
Dimension
Ø 18 x 94 mm
Installation
non-flush
Offset
±3 mm
Size
M18x1
Tightening torque max.
70 Nm
Weight
210 g
Output/Interface
Digital outputs
4x PNP
Range/Distance
Range
1...3 mm
Transmission distance
1...3 mm
Remarks
For additional information, refer to user's guide.
Order accessories separately.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Wiring Diagrams
Help Views
Distance + offset, remote-base



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com