Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR2805S/HB Datasheet(PDF) 3 Page - International Rectifier

Part # ATR2805S/HB
Description  ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATR2805S/HB Datasheet(HTML) 3 Page - International Rectifier

  ATR2805S/HB Datasheet HTML 1Page - International Rectifier ATR2805S/HB Datasheet HTML 2Page - International Rectifier ATR2805S/HB Datasheet HTML 3Page - International Rectifier ATR2805S/HB Datasheet HTML 4Page - International Rectifier ATR2805S/HB Datasheet HTML 5Page - International Rectifier ATR2805S/HB Datasheet HTML 6Page - International Rectifier ATR2805S/HB Datasheet HTML 7Page - International Rectifier ATR2805S/HB Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.irf.com
3
ATR28XXD Series
T
CASE
= -55°C to +125°C, V
IN = +28V ± 5% unless otherwise specified
ABSOLUTE MAXIMUM RATINGS
Input Voltage
-0.5V to 50VDC
Power Output
Internally limited, 36W typical
Soldering
300
°C for 10 seconds
Temperature Range
1
Recommended Operating
-55
°C to +125°C
Maximum Operating
-55
°C to +135°C
Storage
-65
°C to +135°C
Notes to Specifications
1. Above +125
°C case temperature, derate output power linearly to 0 at +135°C case.
2. Recovery time is measured from the initiation of the input transient to where V
OUT has returned to within ±1% of VOUT at 50% load.
3. Turn-on delay time measurement is for either an application of power at the input or a signal at the inhibit pin.
4. Load current split equally between +V
OUT and –VOUT.
5. Up to 90% of Full Power is available from either output provided. The total power output does not exceed 30 watts.
6. 3W load on output under test, 3W to 27W on other output.
7. Sync. Input signal: V
IL = -0.5V Min, VIN = 2.5V Min, 10% to 90% duty cycle
0.8V Max,
11.5V Max
ATR2812D/ES
ATR2815D/ES
PARAMETER
Condition
-55
°C ≤ TC ≤ +125°C, V
IN = 28
V
DC ±5%, CL=0, unless otherwise
specified
Min
Typ
Max
Min
Typ
Max
Units
STATIC CHARACTERISTICS
OUTPUT
V
IN = 16 to 40 VDC
Voltage
I
OUT = 0 to Full Load
±11.76
±12.00
±12.24
±14.70
±15.00
±15.30
V
DC
Current
5
0.0
±1.25
0.0
±1.0
A
DC
Ripple
Full Load, 20KHz to 2MHz
40
85
40
85
mV p-p
Accuracy
T
CASE = 25°C, Full Load
±11.88
±12.00
±12.12
±14.85
±15.00
±15.15
V
DC
Power
1
30
30
W
REGULATION
Line
Load
V
IN = 16 to 40 VDC
I
OUT = 0 to Full Load
75
120
75
150
mV
mV
CROSS REGULATION
6
V
IN = 16, 28, and 40 VDC
±5
±5
%
INPUT
Voltage Range
Current
Ripple Current
No Load, pin 2 = open
Inhibited, pin 2 tied to pin 10
Full Load
16.0
28.0
25
40.0
75
18
50
16.0
28.0
25
40.0
75
18
50
V
DC
mA
DC
mA
DC
mA p-p
EFFICIENCY
Full Load T
C = +25°C
80
82
79
82
%
ISOLATION
Input to output @500 V
DC
100
100
M
Ω
CAPACITIVE LOAD
No effect on performance
T
C = +25°C (total for both
outputs)
100
100
µF
Load Fault Power Dissipation
Short Circuit
Overload, T
C = +25°C
9
14
9
14
W
W
Switching Frequency
I
OUT = Full Load
500
600
500
600
KHz
SYNC Frequency Range
7
500
700
500
700
KHz
DYNAMIC CHARACTERISTICS
Step Load Changes
Output
Transient
Recovery
2
50% Load to 100% Load
No Load to 50% Load
50% Load to 100% Load
No Load to 50% Load
50% Load to No Load
±100
±250
25
500
3
±100
±250
25
500
3
mVpk
mVpk
µs
µs
ms
Step Line Changes
Output
Transient
Recovery
2
Input step 16 to 40
VDC
Input step 40 to 16 V
DC
Input step 16 to 40 V
DC
Input step 40 to 16 V
DC
±180
-600
5
5
±180
-600
5
5
mVpk
mVpk
ms
ms
TURN-ON
Overshoot
Delay
3
V
IN = 16 to 40 VDC
I
OUT = O to Full Load
0
14
600
25
0
14
600
25
mVpk
ms
Load Fault Recovery
V
IN = 16 to 40 VDC
14
25
14
25
ms
Specifications



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com