Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WNSC12650T Datasheet(PDF) 3 Page - WeEn Semiconductors

Part # WNSC12650T
Description  Silicon Carbide Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

WNSC12650T Datasheet(HTML) 3 Page - WeEn Semiconductors

  WNSC12650T Datasheet HTML 1Page - WeEn Semiconductors WNSC12650T Datasheet HTML 2Page - WeEn Semiconductors WNSC12650T Datasheet HTML 3Page - WeEn Semiconductors WNSC12650T Datasheet HTML 4Page - WeEn Semiconductors WNSC12650T Datasheet HTML 5Page - WeEn Semiconductors WNSC12650T Datasheet HTML 6Page - WeEn Semiconductors WNSC12650T Datasheet HTML 7Page - WeEn Semiconductors WNSC12650T Datasheet HTML 8Page - WeEn Semiconductors WNSC12650T Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
WeEn Semiconductors
WNSC12650T
Silicon Carbide Diode
WNSC12650T
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2020. All rights reserved
20 July 2020
3 / 11
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Values
Unit
VRRM
repetitive peak reverse
voltage
650
V
VRWM
crest working reverse
voltage
650
V
VR
reverse voltage
DC
650
V
IF(AV)
average forward current
δ = 0.5; square-wave pulse; Tc ≤ 129 °C;
Fig. 1; Fig. 2; Fig. 3
12
A
IFRM
repetitive peak forward
current
δ = 0.5; tp = 25 μs; Tc ≤ 129 °C;
square-wave pulse
24
A
IFSM
non-repetitive peak
forward current
tp = 10 ms; Tj(init) = 25 °C; sine-wave pulse
57
A
tp = 10 μs; Tj(init) = 25 °C; square-wave pulse
505
A
I2t
I2t for fusing
sine-wave pulse; Tj(init) = 25 °C; tp = 10 ms
16
A2s
Tstg
storage temperature
-55 to 175
°C
Tj
junction temperature
175
°C
IF(AV) = IF(RMS) × √δ
Vo = 0.831 V; Rs = 0.1115 Ω
Fig. 1. Forward power dissipation as a function of
average forward current; square waveform;
maximum values
Fig. 2. Current derating as a function of case
temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com