Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBSI-B-R3B-F12-W Datasheet(PDF) 2 Page - Festo Corporation.

Part # SBSI-B-R3B-F12-W
Description  Code Reader
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

SBSI-B-R3B-F12-W Datasheet(HTML) 2 Page - Festo Corporation.

  SBSI-B-R3B-F12-W Datasheet HTML 1Page - Festo Corporation. SBSI-B-R3B-F12-W Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Ethernet, supported protocols
Ethernet/IP
FTP
PROFINET
SMB
TCP/IP
Serial interface, connection technology
Plug
M12
5-pin
Serial interface, type
RS 232 / RS 422
Electrical connection
12-pin
M12
Plug
Number of digital inputs
2
Number of digital outputs
4
Number of selectable digital inputs/outputs
2
Switching input
PNP/NPN switchable
Switching level
Signal 0: <= 3 V
Signal 1: >= UB - 1 V
Switching output
PNP/NPN switchable
Max. output current
50 mA
Short-circuit protection
For all electrical connections
Nominal operating voltage DC
24 V
Permissible voltage fluctuations
-25 %/+10 %
Max. current consumption
550 mA
Current consumption with load-free outputs
200 mA
Ambient temperature
0 °C ... 50 °C
Storage temperature
-20 °C ... 60 °C
Degree of protection
IP67
Dimensions W x L x H
45 mm x 45 mm x 76.7 mm
Product weight
160 g
Housing material
Wrought aluminum alloy, anodized
Cover material
ABS-reinforced
Note on materials
RoHS-compliant
Vibration resistance
as per EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
6/2/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com