Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBSI-Q-R3B-F6-W Datasheet(PDF) 1 Page - Festo Corporation.

Part # SBSI-Q-R3B-F6-W
Description  Object sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

SBSI-Q-R3B-F6-W Datasheet(HTML) 1 Page - Festo Corporation.

  SBSI-Q-R3B-F6-W Datasheet HTML 1Page - Festo Corporation. SBSI-Q-R3B-F6-W Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Object sensor
SBSI-Q-R3B-F6-W
Part number: 2942261
Data sheet
Feature
Value
Type code
SBSI
KC characters
KC EMC
Vision sensor version
Object sensor
CE marking (see declaration of conformity)
As per EU EMC directive
Certification
RCM compliance mark
c UL us - Listed (OL)
Working distance
6 mm - infinite
Focal length
6 mm
Field of view
min. 5 x 4 mm
Focus setting
With adjusting screw
Lens attachment
Integrated optics
Lighting type
Integrated
Type of light
White
LED
Sensor type
Monochrome
Sensor resolution
736 x 480 pixels (WideVGA)
Frame rate (full image)
50 fps
Max. no. of inspection programs/jobs
8
Max. number of test criteria/detectors
32
Function of detectors/characteristics
Position tracking via contour
Pattern matching
Contour matching
Contrast
Brightness
Gray value threshold
Typical cycle time
Position tracking: 30 ms
Pattern matching: 20ms
Contour matching: 30 ms
Contrast: 4 ms
Brightness: 2 ms
Gray value threshold: 4 ms
Vernier caliper: 8 ms
BLOB: 30 ms
Information on Ethernet, connection technology
Socket
M12
4-pin
Ethernet, data transmission speed
100 Mbit/s
6/2/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - SBSI-Q-R3B-F6-W

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
SBSI-Q-R3B-F6-NR FESTO-SBSI-Q-R3B-F6-NR Datasheet
84Kb / 2P
Object sensor
More results

Similar Description - SBSI-Q-R3B-F6-W

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
2942262 FESTO-2942262 Datasheet
84Kb / 2P
Object sensor
2942265 FESTO-2942265 Datasheet
84Kb / 2P
Object sensor
2942266 FESTO-2942266 Datasheet
84Kb / 2P
Object sensor
8058724 FESTO-8058724 Datasheet
85Kb / 2P
Object sensor
8058725 FESTO-8058725 Datasheet
85Kb / 2P
Object sensor
8058726 FESTO-8058726 Datasheet
84Kb / 2P
Object sensor
8058727 FESTO-8058727 Datasheet
84Kb / 2P
Object sensor
8058728 FESTO-8058728 Datasheet
93Kb / 2P
Object sensor
8058729 FESTO-8058729 Datasheet
93Kb / 2P
Object sensor
8058730 FESTO-8058730 Datasheet
85Kb / 2P
Object sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com