Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBSC-F-AF-R3C Datasheet(PDF) 1 Page - Festo Corporation.

Part # SBSC-F-AF-R3C
Description  Color sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

SBSC-F-AF-R3C Datasheet(HTML) 1 Page - Festo Corporation.

  SBSC-F-AF-R3C Datasheet HTML 1Page - Festo Corporation. SBSC-F-AF-R3C Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Color sensor
SBSC-F-AF-R3C
Part number: 8058735
Data sheet
Feature
Value
Type code
SBSC
KC characters
KC EMC
Vision sensor version
Color sensor
CE marking (see declaration of conformity)
As per EU EMC directive
Certification
RCM compliance mark
c UL us - Listed (OL)
Field of view
Depending on lens selected
Lens attachment
CS mount
Sensor type
Color
Sensor resolution
736 x 480 pixels (WideVGA)
Frame rate (full image)
40 fps
Max. no. of inspection programs/jobs
255
Max. number of test criteria/detectors
255
Function of detectors/characteristics
Position tracking via contour
Pattern matching
Contour matching
Edge detection
Contrast
Brightness
Gray value threshold
Vernier caliper
BLOB
Color value
Color surface
Color list
Typical cycle time
Position tracking: 30 ms
Pattern matching: 30ms
Contour matching: 60 ms
Contrast: 2 ms
Brightness: 2 ms
Gray value threshold: 2 ms
Vernier caliper: 12 ms
BLOB: 50 ms
Color surface: 30 ms
Color value: 2 ms
Color list: 2 ms
Information on Ethernet, connection technology
Socket
M12
4-pin
Ethernet, data transmission speed
100 Mbit/s
6/1/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - SBSC-F-AF-R3C

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
SBSC-B-AF-R2B FESTO-SBSC-B-AF-R2B Datasheet
92Kb / 2P
Code Reader
SBSC-B-AF-R3B FESTO-SBSC-B-AF-R3B Datasheet
92Kb / 2P
Code Reader
SBSC-Q-AF-R2B FESTO-SBSC-Q-AF-R2B Datasheet
93Kb / 2P
Object sensor
SBSC-Q-AF-R3B FESTO-SBSC-Q-AF-R3B Datasheet
93Kb / 2P
Object sensor
SBSC-U-AF-R2B FESTO-SBSC-U-AF-R2B Datasheet
93Kb / 2P
Universal sensor
More results

Similar Description - SBSC-F-AF-R3C

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-S831-QT333 AVAGO-HDJD-S831-QT333 Datasheet
404Kb / 10P
Color Sensor Module
HDJD-S722-QR999 AVAGO-HDJD-S722-QR999 Datasheet
148Kb / 10P
Color Sensor
logo
Hamamatsu Corporation
S11059-01WT HAMAMATSU-S11059-01WT_15 Datasheet
381Kb / 11P
Color sensor
logo
Rohm
BH1749NUC-EVK-001 ROHM-BH1749NUC-EVK-001 Datasheet
728Kb / 3P
Color Sensor
logo
Banner Engineering Corp...
QCM50 BANNER-QCM50 Datasheet
286Kb / 3P
QCM50 Color Sensor
logo
Festo Corporation.
538236 FESTO-538236 Datasheet
104Kb / 2P
Color sensor
8058731 FESTO-8058731 Datasheet
84Kb / 2P
Color sensor
8058732 FESTO-8058732 Datasheet
83Kb / 2P
Color sensor
8058733 FESTO-8058733 Datasheet
84Kb / 2P
Color sensor
8058734 FESTO-8058734 Datasheet
84Kb / 2P
Color sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com