Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2201421 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2201421
Description  Printed-circuit board connector - MCO 1,5/ 5-G1L-3,5 BK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201421 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2201421 Datasheet HTML 1Page - PHOENIX CONTACT 2201421 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/2201421
10/29/2015   Page 1 / 2
Printed-circuit board connector - MCO 1,5/ 5-G1L-3,5 BK - 2201421
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block
Product Features
 Headers for ME and ME MAX electronics housing
 Pitch: 3.5 mm
 Plug-in direction orthogonal to the PCB
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Weight per Piece (excluding packing)
2.6 g
Custom tariff number
85366990
Country of origin
Poland
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
eCl@ss 8.0
27440401
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002643
ETIM 5.0
EC002643


Similar Part No. - 2201421

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201422 PHOENIX-2201422 Datasheet
45Kb / 2P
Printed-circuit board connector - MCO 1,5/ 5-G1L-3,5 GN
More results

Similar Description - 2201421

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1876291 PHOENIX-1876291 Datasheet
115Kb / 6P
Printed-circuit board connector - MC 1,5/ 5-G-3,5 BK
2278380 PHOENIX-2278380 Datasheet
112Kb / 4P
MCO 1,5/ 5-G1L-3,5 KMGY
1739279 PHOENIX-1739279 Datasheet
41Kb / 2P
Printed-circuit board connector - EMCV 1,5/ 5-G-3,5 BK
2200534 PHOENIX-2200534 Datasheet
52Kb / 3P
Printed-circuit board connector - MCO 1,5/ 5-G1R-3,5 BK
2201422 PHOENIX-2201422 Datasheet
45Kb / 2P
Printed-circuit board connector - MCO 1,5/ 5-G1L-3,5 GN
2202330 PHOENIX-2202330 Datasheet
62Kb / 2P
Printed-circuit board connector - MCO-EH 1,5/5 G1L-3,5 GY7035
2202332 PHOENIX-2202332 Datasheet
41Kb / 1P
Printed-circuit board connector - MCO-EH 1,5/5 G1R-3,5 BK
2202333 PHOENIX-2202333 Datasheet
41Kb / 1P
Printed-circuit board connector - MCO-EH 1,5/5 G1L-3,5 BK
2278319 PHOENIX-2278319 Datasheet
109Kb / 4P
MCO 1,5/ 3-G1L-3,5 KMGY
2202670 PHOENIX-2202670 Datasheet
50Kb / 2P
Printed-circuit board connector - MCO 1,5/ 5-G1R-3,5 GNCD:2
11/05/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com