Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2Z Datasheet(PDF) 3 Page - Sanken electric

Part # RN2Z
Description  Ultra-Fast-Recovery Rectifier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

RN2Z Datasheet(HTML) 3 Page - Sanken electric

  RN2Z Datasheet HTML 1Page - Sanken electric RN2Z Datasheet HTML 2Page - Sanken electric RN2Z Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
71
RN 4Z
t / T
1/6
=
Half-cycle sinewave
t / T
1/ 3
=
t / T
1/2
=
DC
DC
t / T
1/6
=
t / T
1/ 3
=
Half-cycle sinewave
t / T
1/2
=
10
1
0.1
0.01
0.001
0
0.2
0.8
1.4
1.2
1.0
0.6
0.4
50
0
0
100
0
110
120
130
140
150
t
T
T
150
°C
j =
t
T
T
150
°C
j =
V
200V
=
R
1
2
3
4
5
12
3
1
2
3
150
°C
Ta =
60
°C
100
°C
25
°C
0
25
50
75
100
125
150
0
1
2
3
4
5
1
5
50
10
20ms
RL 4Z
RL 4A
80
60
40
20
0
Without
Heatsink
60
1
5
50
10
20ms
80
60
40
20
0
0.3
0.5
0.7
0.9
0.1
1.1
1.3
Ta 150
°C
=
60
°C
100
°C
25
°C
1
10
30
0.1
0.01
0.001
0.5
1.0
1.5
2.0
0
2.5
3.0
Ta 150
°C
=
25
°C
100
°C
1
10
50
0.1
0.01
0.001
130
120
110
100
150
140
0
1.0
0.5
2.0
0.5
2.5
3.0
t / T 1/ 3
=
t / T 1/2
=
D.C.
t / T 1/6
=
Sinewave
t
T
VR=600V
Tj=150
°C
FMC-G28S
10
40
30
20
50
0
1
5
50
10
20ms
0
150
2
3
100
110
120
130
140
t/ T=1/6
t/ T=1/2
D.C.
1
t / T=1/3,
Sinewave
0
3
8
12
012
t/ T=1/6
t / T=1/2
D.C.
4
Tj=
150
°C
T
t
t / T=1/3,
Sinewave
FMC-G28SL
0
5
10
15
20
01
2
3
4
5
D.C.
Tj =
150
°C
T
t
t / T=1/6
t / T=1/3,
Sinewave
t/ T=1/2
0
1
2
3
4
5
50
70
90
110
130
150
t/ T=1/6
t/ T=1/3
D.C.
t / T=1/2
Sinewave
10
50
40
20
30
60
0
1
5
50
10
20ms
Ambient Temperature Ta (
°C)
IFMS Rating
VF —IF Characteristics (Typical)
Ta— IF (AV) Derating
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Forward Voltage VF (V)
Overcurrent Cycles
IFMS Rating
Overcurrent Cycles
IFMS Rating
Overcurrent Cycles
IFMS Rating
Overcurrent Cycles
Case Temperature Tc
(
°C)
Tc— IF (AV) Derating
Case Temperature Tc
(
°C)
Tc— IF (AV) Derating
Lead Temperature T (
°C)
T — IF(AV) Characteristics
Lead Temperature T (
°C)
T — IF(AV) Characteristics
IF(AV)—PF Characteristics
Average Forward Current IF(AV) (A)
IF(AV)—PF Characteristics
Average Forward Current IF(AV) (A)
IF(AV)—PF Characteristics
Average Forward Current IF(AV) (A)
Characteristic Curves
Ultra-Fast-Recovery Rectifier Diodes



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com