Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5VS-36-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 5VS-36-R
Description  Dual Channel Input/Output Isolators 5-UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

5VS-36-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  5VS-36-R Datasheet HTML 1Page - M-System Co.,Ltd. 5VS-36-R Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: 5VS
http://www.m-system.co.jp/
5VS SPECIFICATIONS
ES-2318 Rev.8 Page 1/2
Dual Channel Input/Output Isolators 5-UNIT
ISOLATOR
Functions & Features
• Accetping standard and non-standard process signals and
providing an isolated 1 – 5 V DC
• 2 channels available on the common output and power
negative
• Economical and space-saving multi-input processing
26 (1.02)
113
(4.45)
mm (inch)
148
(5.83)
MODEL: 5VS–[1]6-R
ORDERING INFORMATION
• Code number: 5VS-[1]6-R
Specify a code from below for [1].
(e.g. 5VS-66-R)
•Special input range (For code 0)
[1] INPUT
Voltage
1: 0 – 10 mV DC (Input resistance 10 kΩ min.)
2: 0 – 100 mV DC (Input resistance 100 kΩ min.)
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
( 0 % input must be 0 V.)
OUTPUT
Voltage
6: 1 – 5 V DC (Load resistance 10 kΩ min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel
Isolation: Input to output or power; ch.1 input to ch.2 input
Housing material: Flame-resistant resin (black)
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
■ INPUT
•DC Voltage: 0 – 300 V DC
Minimum span: 3 mV
Input resistance:
(Input Span: Input Resistance)
3 – 10 mV : 10 k (Ω minimum)
10 – 100 mV : 10 k
0.1 – 1V : 100 k
≥ 1 V : 1 M
INSTALLATION
Current consumption: 15 mA max.
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail; Standard Rack Mounting
Frame BX-16H available
Weight: 200 g (0.44 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.1 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute (ch.1 input to ch.2
input to output or power)
1500 V AC @1 minute (ch.1 input or ch.2 input or output or
power to ground)


Similar Description - 5VS-36-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
15BX MSYSTEM-15BX Datasheet
132Kb / 4P
Dual Channel Input/Output Isolators 15-RACK
15CA MSYSTEM-15CA Datasheet
90Kb / 2P
Dual Channel Input/Output Isolators 15-RACK
15CE MSYSTEM-15CE Datasheet
90Kb / 2P
Dual Channel Input/Output Isolators 15-RACK
15MS MSYSTEM-15MS Datasheet
91Kb / 2P
Dual Channel Input/Output Isolators 15-RACK
15PA MSYSTEM-15PA Datasheet
91Kb / 2P
Dual Channel Input/Output Isolators 15-RACK
15PE MSYSTEM-15PE Datasheet
90Kb / 2P
Dual Channel Input/Output Isolators 15-RACK
15RS MSYSTEM-15RS Datasheet
92Kb / 3P
Dual Channel Input/Output Isolators 15-RACK
15SN MSYSTEM-15SN Datasheet
89Kb / 2P
Dual Channel Input/Output Isolators 15-RACK
15TS MSYSTEM-15TS Datasheet
145Kb / 4P
Dual Channel Input/Output Isolators 15-RACK
5BX MSYSTEM-5BX Datasheet
162Kb / 3P
Dual Channel Input/Output Isolators 5-UNIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com