Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6BLC Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 6BLC
Description  Field-mounted Two-wire Signal Conditioners 6B-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6BLC Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  6BLC Datasheet HTML 1Page - M-System Co.,Ltd. 6BLC Datasheet HTML 2Page - M-System Co.,Ltd. 6BLC Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 6BLC
6BLC SPECIFICATIONS
ES-8890 Rev.1 Page 1/3
http://www.m-system.co.jp/
Field-mounted Two-wire
Signal Conditioners 6B-UNIT
STRAIN GAUGE TRANSMITTER
Functions & Features
• IP66 / IP67 housing enables field mounting
• Stainless steel field housing selectable
• Used in conjunction with bridge type strain gauges utilized
in load cells, pressure transducers, etc.
• Excitation in pulses enables use with strain gauges of the
bridge resistance 350 Ω
• Non-isolated
• Zero adjustment range: 0 to 80 %, span adjustment range
100 to 20 %
MODEL: 6BLC-02[1][2][3]
ORDERING INFORMATION
• Code number: 6BLC-02[1][2][3]
Specify a code from below for each of [1] through [3].
(e.g. 6BLC-020A1)
SAFETY APPROVAL
0: None
INPUT STRAIN GAUGE
2: 2 mV/V
[1] WIRING CONDUIT
0: G 1/2
1: 1/2 NPT
2: M20 × 1.5
3: PG 13.5
[2] ENCLOSURE MATERIAL
A: Diecast aluminum
S: Stainless steel casting
[3] MOUNTING BRACKET
0: Without
1: With
PACKAGE INCLUDES...
• Mounting screws
Bolt (M8 x 15): 4
Spring washer for M8: 4
Material: Stainless steel 304
• Mounting bracket assembly (option):
Mounting bracket: 1
M10 U-bolt: 2
Nut for M10: 4
Spring washer for M10: 4
Material: Stainless steel 304
Applicable pipe: 1 1/2” min.; 2” max.
GENERAL SPECIFICATIONS
Degree of protection: NEMA 4X, IP66/IP67
Wiring conduit: See ‘Ordering information.’
Electrical connection: M3 screw terminals
(torque 0.6 N·m)
Materials
• Transmitter housing: Diecast aluminum
Screw terminals: Nickel-plated steel
• Enclosure: Diecast aluminum or stainless steel casting
(equivalent to type 316); silver color, epoxy resin coated
Isolation: Input or output to outdoor enclosure
Zero adjustment: 0 – 80 % (behind the access cover)
Span adjustment: 100 – 20 % (behind the access cover)
INPUT SPECIFICATIONS
Input: Bridge voltage from load cells
Rated output from strain gauge: 2 mV/V
Nominal bridge resistance: 350 Ω minimum
Excitation: 5 V voltage pulse


Similar Description - 6BLC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
6BFN MSYSTEM-6BFN Datasheet
111Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BM MSYSTEM-6BM Datasheet
114Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BPA MSYSTEM-6BPA Datasheet
115Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BR MSYSTEM-6BR Datasheet
157Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BSN MSYSTEM-6BSN Datasheet
111Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BTS MSYSTEM-6BTS Datasheet
120Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BTS1 MSYSTEM-6BTS1 Datasheet
119Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BVS MSYSTEM-6BVS Datasheet
114Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6FN MSYSTEM-6FN Datasheet
94Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6PA MSYSTEM-6PA Datasheet
100Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com