Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6CT Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 6CT
Description  Field-mounted Two-wire Signal Conditioners 6-UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6CT Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  6CT Datasheet HTML 1Page - M-System Co.,Ltd. 6CT Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL: 6CT
6CT SPECIFICATIONS
ES-4237 Rev.8 Page 2/2
http://www.m-system.co.jp/
PERFORMANCE in percentage of span
Accuracy: ±0.3 %
Temp. coefficient: ±0.03 %/°C (±0.02 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Ripple: 0.5 %p-p max. (100/120 Hz)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute (input to output)
1500 V AC @ 1 minute (input or output to ground)
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
76 (2.99) dia.
40 (1.57)
52.5 (2.07)
1 (.04)
46 (1.81)
4–M3 (.12) TAP
6 (.24) deep
1 2 3 4
5 6
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Isolation
Z
S
R.M.S
Operation
Output
Driver
1
2
3
4
+
–
LOAD
6
5
OUTPUT
24V DC
4 – 20mA DC
LOAD
SOURCE
k
l
CT
L
K
Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com