Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF663 Datasheet(PDF) 1 Page - GS Yuasa Battery Sales UK Ltd

Part # SMF663
Description  Capacity (20-hour) 112Ah
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSYUASABATTERY [GS Yuasa Battery Sales UK Ltd]
Direct Link  https://www.gs-battery.com/
Logo GSYUASABATTERY - GS Yuasa Battery Sales UK Ltd

SMF663 Datasheet(HTML) 1 Page - GS Yuasa Battery Sales UK Ltd

  SMF663 Datasheet HTML 1Page - GS Yuasa Battery Sales UK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.gs-battery.com
GS Technical Data Sheet
GS SMF663
Terminal Type
Cell Assembly Layout
Battery Hold-down
Performance
Voltage
12V
Capacity (20-hour)
112Ah
Cold Cranking Amps (EN1)
870A
Dimensions
Length
346mm
Width
173mm
Height
234mm
Weights & Measures
Mean Weight with Acid
25.5kg
Container Features
Case Type
Euro Compact Low D2
Hold Down
N
Handles
Y
Technology
Recommended Charge Rate
A
Performance Marking
W3-C2-V3-E2
Data Sheet generated on 18/05/2021 – E&OE
Powering high performance since 1895


Similar Part No. - SMF663

ManufacturerPart #DatasheetDescription
logo
GS Yuasa Battery Sales ...
SMF664 GSYUASABATTERY-SMF664 Datasheet
233Kb / 1P
Capacity (20-hour) 112Ah
SMF665 GSYUASABATTERY-SMF665 Datasheet
290Kb / 1P
Capacity (20-hour) 112Ah
SMF669 GSYUASABATTERY-SMF669 Datasheet
244Kb / 1P
Capacity (20-hour) 110Ah
More results

Similar Description - SMF663

ManufacturerPart #DatasheetDescription
logo
GS Yuasa Battery Sales ...
521 GSYUASABATTERY-521 Datasheet
266Kb / 1P
Capacity (20-hour) 112Ah
733 GSYUASABATTERY-733 Datasheet
280Kb / 1P
Capacity (20-hour) 200Ah
GS-B39-6 GSYUASABATTERY-GS-B39-6 Datasheet
183Kb / 1P
Capacity (20-hour) 7.4Ah
GS-L35-115 GSYUASABATTERY-GS-L35-115 Datasheet
955Kb / 1P
Capacity (20-hour) 115Ah
GS-M26-80S GSYUASABATTERY-GS-M26-80S Datasheet
664Kb / 1P
Capacity (20-hour) 80Ah
GS-M27-90S GSYUASABATTERY-GS-M27-90S Datasheet
618Kb / 1P
Capacity (20-hour) 90Ah
GS-M27-EFB GSYUASABATTERY-GS-M27-EFB Datasheet
322Kb / 1P
Capacity (20-hour) 90Ah
GS-U1 GSYUASABATTERY-GS-U1 Datasheet
1Mb / 1P
Capacity (20-hour) 30Ah
SMF664 GSYUASABATTERY-SMF664 Datasheet
233Kb / 1P
Capacity (20-hour) 112Ah
SMF665 GSYUASABATTERY-SMF665 Datasheet
290Kb / 1P
Capacity (20-hour) 112Ah
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com