Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6TS-1/BL Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 6TS-1/BL
Description  Field-mounted Two-wire Signal Conditioners 6-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6TS-1/BL Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  6TS-1/BL Datasheet HTML 1Page - M-System Co.,Ltd. 6TS-1/BL Datasheet HTML 2Page - M-System Co.,Ltd. 6TS-1/BL Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: 6TS
6TS SPECIFICATIONS
ES-4212 Rev.9 Page 2/3
http://www.m-system.co.jp/
Minimum temperature span (in °F)
(PR): min. span 670°F
K (CA): min. span 140°F
E (CRC): min. span 90°F
J (IC): min. span 110°F
T (CC): min. span 140°F
B (RH): min. span 1410°F
R: min. span 650°F
S: min. span 690°F
Note: For the temperatures that range below 0°C, the
transmitter may partially not satisfy the described accuracy.
Consult factory.
OUTPUT SPECIFICATIONS
Output: 4 – 20 mA DC
Load resistance vs. supply voltage: Load Resistance (Ω) =
(Supply Voltage (V) – 13 (V)) ÷ 0.02 (A)
(including leadwire resistance)
10
15
20
25
28
13
0
150
300
450
600
750
SUPPLY VOLTAGE [V]
(550Ω maximum at 24V DC)
INSTALLATION
Supply voltage: 13 – 28 V DC
Operating temperature: -5 to +70°C (23 to 158°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: DIN rail with mounting plate A-31; surface
mounting with adapter plate A-01; spring clip A-02 for 3-
inch hub
Weight: 220 g (0.49 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.4 % (at over 400°C or 750°F for R, S and PR;
over 770°C or 1420°F for B)
Cold junction compensation error
(at 25°C ±10°C or 77°F ±18°F)
K, E, J & T: ±0.5°C or ±0.9°F
S, R & PR: ±1°C or ±1.8°F
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
(at over 400°C or 750°F for R, S and PR; over 770°C or
1420°F for B)
Response time: ≤ 0.5 sec. (0 – 90 %)
Burnout response: ≤ 10 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute
(input to output)
1500 V AC @ 1 minute
(input or output to ground)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com