Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6TS-3/BL Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 6TS-3/BL
Description  Field-mounted Two-wire Signal Conditioners 6-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6TS-3/BL Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  6TS-3/BL Datasheet HTML 1Page - M-System Co.,Ltd. 6TS-3/BL Datasheet HTML 2Page - M-System Co.,Ltd. 6TS-3/BL Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 6TS
6TS SPECIFICATIONS
ES-4212 Rev.9 Page 1/3
http://www.m-system.co.jp/
Field-mounted Two-wire Signal Conditioners 6-UNIT
THERMOCOUPLE TRANSMITTER
(linearization)
Functions & Features
• Accepting direct input from a thermocouple and providing
a standard 4 – 20 mA DC signal
• Linearization
• Burnout protection
• High-accuracy cold junction compensation
• Rugged enclosure
Typical Applications
• High-accuracy cold junction compensation benefits narrow
span measurements
• 0.1 μA burnout sensing enables long distance
transmission with minimum offset drifts
• Electric furnace (isolation)
76
(2.99) DIA.
60.9 (2.38)
52.5
(2.07)
mm (inch)
MODEL: 6TS–[1][2]
ORDERING INFORMATION
• Code number: 6TS-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. 6TS-2/BL)
• Temperature range (e.g. 0 – 800°C)
• Mounting adapter (e.g. surface mounting adapter plate,
model: A-01)
Note: When a mounting adapter is required, specify
mounting adapter. Not included without specifying.
[1] INPUT THERMOCOUPLE
1: (PR) (Usable Range 0 to 1760°C, 32 to 3200°F)
2: K (CA) (Usable range -270 to +1370°C, -454 to +2498°F)
3: E (CRC) (Usable range -270 to +1000°C, -454 to +1832°F)
4: J (IC) (Usable range -210 to +1200°C, -346 to +2192°F)
5: T (CC) (Usable range -270 to +400°C, -454 to +752°F)
6: B (RH) (Usable range 0 to 1820°C, 32 to 3308°F)
7: R (Usable range -50 to +1760°C, -58 to +3200°F)
8: S (Usable range -50 to +1760°C, -58 to +3200°F)
0: Specify
[2] OPTIONS
Burnout
blank: Upscale burnout
/BL: Downscale burnout
RELATED PRODUCTS
• Outdoor enclosure (model: 6BX-E)
PACKAGE INCLUDES...
• Mounting adapter
surface mounting adapter plate (model: A-01)
Spring clip (model: A-02)
DIN rail mounting plate (model: A-31)
Note: When a mounting adapter is required, specify
mounting adapter. Not included without specifying.
When using in combination with outdoor enclosure (model:
6BX-E), use a spring clip (model: A-02).
GENERAL SPECIFICATIONS
Connection: M3 screw terminals (torque 0.6 N·m)
Screw terminal: Nickel-plated steel
Housing material: Diecast aluminum
Isolation: Input to output
Output limit: Approx. 120 %
Zero adjustment: Approx. -0.5 – +5 % (behind the access
cover)
Span adjustment: Approx. 95 to 105 % (behind the access
cover)
Linearization: Standard
Cold junction compensation: CJC sensor attached to the
input terminals
INPUT SPECIFICATIONS
Minimum span: 3 mV
Offset: Max. 1.5 times span
Input resistance: 20 kΩ minimum
Burnout sensing: 0.1 μA
Minimum temperature span (in °C)
(PR): min. span 370°C
K (CA): min. span 75°C
E (CRC): min. span 50°C
J (IC): min. span 60°C
T (CC): min. span 75°C
B (RH): min. span 780°C
R: min. span 360°C
S: min. span 380°C


Similar Part No. - 6TS-3/BL

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
6TS1 MSYSTEM-6TS1 Datasheet
110Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6TS1-0 MSYSTEM-6TS1-0 Datasheet
110Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6TS1-0/BL MSYSTEM-6TS1-0/BL Datasheet
110Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6TS1-1 MSYSTEM-6TS1-1 Datasheet
110Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6TS1-1/BL MSYSTEM-6TS1-1/BL Datasheet
110Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
More results

Similar Description - 6TS-3/BL

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
6AC MSYSTEM-6AC Datasheet
101Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6DV MSYSTEM-6DV Datasheet
153Kb / 4P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6DVIB MSYSTEM-6DVIB Datasheet
200Kb / 8P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6FN MSYSTEM-6FN Datasheet
94Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6LC MSYSTEM-6LC Datasheet
99Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6PA MSYSTEM-6PA Datasheet
100Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6PT MSYSTEM-6PT Datasheet
101Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6SN MSYSTEM-6SN Datasheet
96Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6VS MSYSTEM-6VS Datasheet
101Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
A01 MSYSTEM-A01 Datasheet
87Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com