Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6TS-7/BL Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 6TS-7/BL
Description  Field-mounted Two-wire Signal Conditioners 6-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6TS-7/BL Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  6TS-7/BL Datasheet HTML 1Page - M-System Co.,Ltd. 6TS-7/BL Datasheet HTML 2Page - M-System Co.,Ltd. 6TS-7/BL Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: 6TS
6TS SPECIFICATIONS
ES-4212 Rev.9 Page 3/3
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
76 (2.99) dia.
40 (1.57)
52.5 (2.07)
1 (.04)
46 (1.81)
4–M3 (.12) TAP
6 (.24) deep
CJC SENSOR (model: CJM)
2 (.08)
1 2 3
5 6
4
r
b
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
*Deleted with B thermocouple
*
Isolation
S
Z
Low Drift
Amplifier
Burnout
Output
Driver
+
–
T / C
CJC
SENSOR
metal leg
model: CJM
comp. leadwire
1
3
2
+
–
4
Linearizer
red
black
Cold Junction
Compensation
+
–
LOAD
6
5
OUTPUT
24V DC
4 – 20mA DC
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com