Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM15F70K Datasheet(PDF) 2 Page - MacMic

Part # MM15F70K
Description  700V 15A FRED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic

MM15F70K Datasheet(HTML) 2 Page - MacMic

  MM15F70K Datasheet HTML 1Page - MacMic MM15F70K Datasheet HTML 2Page - MacMic MM15F70K Datasheet HTML 3Page - MacMic  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MM15F70K
Figure 1. Forward Voltage Drop vs Forward Current
Figure 2. Reverse Recovery Time vs dIF/dt
0
6
12
18
24
30
0.0
0.5
1.0
1.5
2.0
25℃
125℃
0
50
100
150
200
250
300
100
200
300
400
500
600
25℃
125℃
12
16
20
25℃
125℃
dIF/dt(A/μs)
VF(V)
900
1200
1500
25℃
125℃
2
Figure 3. Reverse Recovery Current vs dIF/dt
Figure 4. Reverse Recovery Charge vs dIF/dt
0
4
8
12
100
200
300
400
500
600
0
5
10
15
20
0
25
50
75 100 125 150 175
DC
TC(℃)
dIF/dt(A/μs)
0
300
600
900
100
200
300
400
500
600
dIF/dt(A/μs)
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Rectangular Pulse Duration (s)
2
Figure 5.Forward current vs Case temperature
Figure 6.Transient Thermal Impedance
g( )
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com