Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1LIN Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # PESD1LIN
Description  ESD protection diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

PESD1LIN Datasheet(HTML) 2 Page - Rectron Semiconductor

  PESD1LIN Datasheet HTML 1Page - Rectron Semiconductor PESD1LIN Datasheet HTML 2Page - Rectron Semiconductor PESD1LIN Datasheet HTML 3Page - Rectron Semiconductor PESD1LIN Datasheet HTML 4Page - Rectron Semiconductor PESD1LIN Datasheet HTML 5Page - Rectron Semiconductor PESD1LIN Datasheet HTML 6Page - Rectron Semiconductor PESD1LIN Datasheet HTML 7Page - Rectron Semiconductor PESD1LIN Datasheet HTML 8Page - Rectron Semiconductor PESD1LIN Datasheet HTML 9Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Pinning information
Ordering information
Marking
Limiting values
[1]
Non-repetitive current pulse 8/20
μs exponential decay waveform according to IEC 61000-4-5.
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode 1 (15 V)
2
cathode 2 (24 V)
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PESD1LIN
SC-76
plastic surface-mounted package; 2 leads
SOD323
Table 4.
Marking codes
Type number
Marking code
PESD1LIN
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
PPP
peak pulse power
tp =8/20
μs
[1] -160
W
IPP
peak pulse current
tp =8/20
μs
[1] -3
A
Tj
junction temperature
-
150
ο C
Tamb
ambient temperature
−65
+150
C
Tstg
storage temperature
−65
+150
C
ο
ο
?? ?? ?? ?? ?? ?? ??
AM/24



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com