Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEP5Z Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # TEP5Z
Description  Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

TEP5Z Datasheet(HTML) 1 Page - Rectron Semiconductor

  TEP5Z Datasheet HTML 1Page - Rectron Semiconductor TEP5Z Datasheet HTML 2Page - Rectron Semiconductor TEP5Z Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The TEP5Z Series is designed to protect voltage
sensitive components from ESD and transient
voltage events. Excellent clamping capability, low
leakage, and fast response time, make these
parts ideal for ESD protection on designs where
board space is at a premium. Because of its small
size, it is suited for use in cellular phones,
portable devices, digital cameras, power supplies
and many other portable applications.
IEC61000-4-2 Level 4 ESD Protection
Protects one directional I/O line
Low clamping voltage
Working voltages : 2.5V,3.3V, 5V,6V,7V,12V,15V
Low leakage current
SOD-523 package
Flammability Rating: UL 94V-0
Packaging: Tape and Reel
High temperature soldering guaranted:260℃/10s
Reel size: 7 inch
Device:TEP5ZXXX
Package: SOD-523
Material: Halogen free
Packing: Tape & Reel
Quantity per reel: 3,000pcs
Cell Phone Handsets and Accessories
Microprocessor based equipment
Personal Digital Assistants (PDA’s)
Notebooks, Desktops, and Servers
Portable Instrumentation
Peripherals
Pagers
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Units
VESD
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
±30
±22
kV
ESD
ESD Voltage per human body model
ESD Voltage per machine model
16
400
kV
V
PD
Total Power Dissipation on FR-5 Board (Note 1) @ Ta=25
°C
150
mW
TJ, TSTG
Junction and Storage Temperature
-55/+150
°C
TL
Lead Solder Temperature – Maximum (10 Second Duration)
260
°C
These ratings are limiting values above which the serviceability of the diode may be impaired
Note 1. FR-5=1.0x0.75x0.62 in.
1
2
1
2
DESCRIPTION
MACHANICAL DATA
ORDERING INFORMATION
APPLICATIONS
FEATURES
PIN CONFIGURATION
PACKAGE OUTLINE
ABSOLUTE MAXIMUM RATING (Tamb=25°C, unless otherwise specified)
Transient Voltage Suppressors
2019-11/01
REV:
TEP5Z
SERIES
A
P/N suffix V means AEC-Q101 qualified,
e.g:TEP5Z2V5V


Similar Part No. - TEP5Z

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
TEP5Z2.5M RECTRON-TEP5Z2.5M Datasheet
181Kb / 4P
Transient Voltage Suppressors for ESD protection
TEP5Z24 RECTRON-TEP5Z24 Datasheet
97Kb / 3P
Transient Voltage Suppressors
TEP5Z3.3C RECTRON-TEP5Z3.3C Datasheet
177Kb / 4P
Transient Voltage Suppressors for ESD protection
TEP5Z36 RECTRON-TEP5Z36 Datasheet
168Kb / 3P
Transient Voltage Suppressors
TEP5Z5.0L RECTRON-TEP5Z5.0L Datasheet
152Kb / 4P
Ultra Low Capacitance ESD Protection Diode
More results

Similar Description - TEP5Z

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
Transient Voltage Suppressors
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
TVS8501V5 ONSEMI-TVS8501V5 Datasheet
93Kb / 6P
Transient Voltage Suppressors
November, 2014 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
ESD3BL3V3WS SEMTECH_ELEC-ESD3BL3V3WS Datasheet
356Kb / 4P
Transient Voltage Suppressors
ESD9BL5V0BP SEMTECH_ELEC-ESD9BL5V0BP Datasheet
342Kb / 3P
Transient Voltage Suppressors
ESDB5V0WT SEMTECH_ELEC-ESDB5V0WT Datasheet
267Kb / 3P
Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com