Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDM3033 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ESDM3033
Description  ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESDM3033 Datasheet(HTML) 3 Page - ON Semiconductor

  ESDM3033 Datasheet HTML 1Page - ON Semiconductor ESDM3033 Datasheet HTML 2Page - ON Semiconductor ESDM3033 Datasheet HTML 3Page - ON Semiconductor ESDM3033 Datasheet HTML 4Page - ON Semiconductor ESDM3033 Datasheet HTML 5Page - ON Semiconductor ESDM3033 Datasheet HTML 6Page - ON Semiconductor ESDM3033 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ESDM3033
www.onsemi.com
3
TYPICAL CHARACTERISTICS
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
0.0E+00
5.0E+08
1.0E+09
1.5E+09 2.0E+09
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
1
1.0E+07
1.0E+08
1.0E+09
Figure 3. IV Characteristics
Figure 4. CV Characteristics
VR (V)
VBIAS (V)
1.E−11
1.E−10
1.E−09
1.E−08
1.E−07
1.E−06
1.E−05
1.E−04
1.E−03
−8
−6
−4
−20
2
4
25
−5
−4
−3
−2
−10
1
2
3
Figure 5. RF Insertion Loss
Figure 6. Capacitance over Frequency
FREQUENCY
68
4
5
FREQUENCY (Hz)
Figure 7. Positive TLP I−V Curve
VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
20
02
46
8
10
Figure 8. Negative TLP I−V Curve
VOLTAGE (V)
−20
−18
−16
−14
−12
−10
−8
−6
−4
−2
0
02
4
6
8
10
10
8
6
4
2
0
10
8
6
4
2
0
13
5
7
9
1
3
5
7
9
−10
10
20
15
10
5
0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com