Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27R-1/M Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 27R-1/M
Description  Head-mounted Two-wire Signal Conditioners 27-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

27R-1/M Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  27R-1/M Datasheet HTML 1Page - M-System Co.,Ltd. 27R-1/M Datasheet HTML 2Page - M-System Co.,Ltd. 27R-1/M Datasheet HTML 3Page - M-System Co.,Ltd. 27R-1/M Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: 27R
27R SPECIFICATIONS
ES-7654 Rev.9 Page 3/4
http://www.m-system.co.jp/
FUNCTION MONITOR LED (option /M)
3
2
4
1
–
+
Function
Monitor LED
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
44 (1.73) dia.
33 (1.30)
6 (.24) dia.
16.5 (.65)
6–M3 SCREW
2–4.5 (.18) dia.
MTG HOLE
20.7 (.81)
19.5 (.77)
12.7 (.5)
1
4
3
2
–
+
7.6 (.30) dia.
MOUNTING REQUIREMENTS unit: mm (inch)
33 (1.30)
2–M4 SCREW
The screws are to be provided by the customer.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com