Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27R-2/M Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 27R-2/M
Description  Head-mounted Two-wire Signal Conditioners 27-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

27R-2/M Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  27R-2/M Datasheet HTML 1Page - M-System Co.,Ltd. 27R-2/M Datasheet HTML 2Page - M-System Co.,Ltd. 27R-2/M Datasheet HTML 3Page - M-System Co.,Ltd. 27R-2/M Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: 27R
27R SPECIFICATIONS
ES-7654 Rev.9 Page 4/4
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
*2. Option /M
*3. Limited to 250 – 500Ω when using the communication to configure the module.
*4. A safety barrier must be installed for the intrinsic safety.
The safety barrier must meet the Ex-data of this unit and must be approved for the hazardous location.
4
2
3
1
Output
Driver
Output
Computation
Input
Computation
Comm.
Circuit
Low Drift
Amplifier
*2
INPUT
*1
*1. Input Connection Examples
■ RTD & RESISTANCE
• Two-wire
• Three-wire
• Four-wire
FUNCTION
MONITOR
LED
+
–
LOAD
OUTPUT
24V DC
4 – 20mA DC
*3
*4
Non-Hazardous Location
Hazardous Location
Safety Barrier
4
3
2
1
B
A
4
3
2
1
B
B
A
4
3
2
1
B
B
A
A
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com