Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM75F60B Datasheet(PDF) 2 Page - MacMic

Part # MM75F60B
Description  600V 75A FRED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic

MM75F60B Datasheet(HTML) 2 Page - MacMic

  MM75F60B Datasheet HTML 1Page - MacMic MM75F60B Datasheet HTML 2Page - MacMic MM75F60B Datasheet HTML 3Page - MacMic  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Unit
ns
A
nC
ns
A
nC
QRR
Reverse Recovery Charge
1150
trr
Reverse Recovery Time
IF =75A,VR =300V,
dIF/dt = -200A/μs ,TJ=125℃
240
IRRM
Maximum Reverse Recovery Current
10
QRR
Reverse Recovery Charge
300
trr
Reverse Recovery Time
IF =75A,VR =300V,
dIF/dt = -200A/μs
80
IRRM
Maximum Reverse Recovery Current
6
MM75F60B
ELECTRICAL CHARACTERISTICS (T C =25°C unless otherwise specified)
Symbol
Parameter/Test Conditions
Min.
Typ.
Max.
60
90
120
150
25℃
125℃
200
300
400
25℃
125℃
VR=300V
2
dIF/dt(A/μs)
dIF/dt(A/μs)
Figure 3. Reverse Recovery Current vs dIF/dt
Figure 4. Reverse Recovery Charge vs dIF/dt
VF(V)
dIF/dt(A/μs)
Figure 1. Forward Voltage Drop vs Forward Current
Figure 2. Reverse Recovery Time vs dIF/dt
0
30
60
00.5
11.5
2
0
100
200
100
200
300
400
500
0
5
10
15
20
25
100
200
300
400
500
25℃
125℃
0
500
1000
1500
2000
2500
100
200
300
400
500
25℃
125℃
VR=300V
IF=75A
VR=300V
IF=75A
VR=300V
IF=75A
22



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com