Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMD150FB Datasheet(PDF) 2 Page - MacMic

Part # MMD150FB
Description  150A Three-Phase Rectifier Bridge Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic

MMD150FB Datasheet(HTML) 2 Page - MacMic

  MMD150FB Datasheet HTML 1Page - MacMic MMD150FB Datasheet HTML 2Page - MacMic MMD150FB Datasheet HTML 3Page - MacMic  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Unit
V
V
mΩ
VTO
For power loss calculations only , TJ = 125℃
Symbol
MMD150FB
Max.
Maximum Reverse Leakage Current
VR = VRRM, TJ = 125℃
ELECTRICAL CHARACTERISTICS
T C =25°C unless otherwise specified
mA
10
VR = VRRM
3.5
Parameter/Test Conditions
Min. Typ.
Forward Voltage Drop
rT
IRM
1.45
0.9
VF
IF=150A
0.5
200
250
300
25℃
125℃
300
400
500
Three-Phase
2
Figure 1. Forward Voltage Drop vs Output Current
Figure 2. Power dissipation vs Output Current
0
50
100
150
0
0.5
1
1.5
2
2.5
0
100
200
0
30
60
90
120
150
0
400
800
1200
1600
1
10
100
ID (A)
VF(V)
Cycles
50HZ
0
25
50
75
100
125
150
175
25
50
75
100 125 150 175
TC(℃)
Max.
Max.
Figure 3. Max Non-Repetitive Forward Surge Current
Figure 4. Output current vs Case temperature
C
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com