Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES16201 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ES16201
Description  EMERGING DISPLAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ES16201 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ES16201 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES16201 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES16201 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES16201 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES16201 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES16201 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES16201 Datasheet HTML 9Page - List of Unclassifed Manufacturers ES16201 Datasheet HTML 10Page - List of Unclassifed Manufacturers ES16201 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
E M E R G I N G
D I S P L A Y
MODEL NO
.
VERSION
PAGE
TECHNOLOGIES CORPORATION
ES16201(TRANSFLECTIVE TYPES)
1
3
4 .
ELECTRICAL CHARACTERISTICS
Ta = 25
°C
VDD = 5 . 0
± 0 . 5V
PARAMETER
SYMBOL
CONDITION
MIN .
TYP . MAX .
UNIT
NOTE
H LEVEL INPUT
VOLTAGE
VIH
2 . 2
VDD
V
2
L LEVEL INPUT
VOLTAGE
VIL
- 0.3
0 . 8
V
H LEVEL OUTPUT
VOLTAGE
VOH
−IOH = 0 . 2 mA
2 . 4
V
2
L LEVEL OUTPUT
VOLTAGE
VOL
IOL = 1 . 2 mA
0 . 4
V
POWER SUPPLY
CURRENT (LOGIC)
IDD
VDD = 5 . 0 V
1 . 0
1 . 5
mA
VDD
− VO
Ta = - 20
°C
4 . 5
∅ = 10° θ = 0°
Ta =
25
°C
4 . 5
RECOMMENDED LCD
DRIVING VOLTAGE
DUTY = 1/16
Ta =
70
°C
4 . 5
V
CLOCK OSCILLATION
FREQUENCY
FOSC
Ta =
25
°C
3 8 0
5 4 0
7 0 0
KHZ
5 .
OPTICAL CHARACTERISTICS .
Ta = 25
°C
VDD = 5 . 0 V
I T E M
SYMBOL
CONDITION
MIN . TYP . MAX
.
UNIT NOTE
VIEWING AREA
∅ 2 - ∅ 1
K≧ 1.4
3 0
deg.
1
CONTRAST RATIO
K
∅ = 10° θ = 0°
5
1
Ta = -20
°C
5538
tr ( rise )
Ta = 25
°C
228
∅ =10° Ta = 70°C
104
θ = 0
° Ta = -20°C
2316
tf ( fall )
Ta = 25
°C
174
RESPONSE TIME
Ta = 70
°C
85
ms
1
NOTE ( 1 ) :
PLEASE REFER TO :
CUSTOMER
ACCEPTANCE
STANDARD
SPECIFICATION : E U - 0 0 2 A
NOTE ( 2 ) :
APPLICABLE : DB0 ~ DB7 , RS , R/W ,E
ACDS 175-177 route de Genas - 69100 VILLEURBANNE - France
Tél : +33 4 72 91 26 80 - Fax : +33 4 72 35 18 06
http://www.acds.fr



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com