Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBAL-C6-R-R-D Datasheet(PDF) 1 Page - Festo Corporation.

Part # SBAL-C6-R-R-D
Description  Ring light
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

SBAL-C6-R-R-D Datasheet(HTML) 1 Page - Festo Corporation.

  SBAL-C6-R-R-D Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ring light
SBAL-C6-R-R-D
Part number: 8031162
Data sheet
Feature
Value
Type code
SBAL-C6-R
Wavelength
630 nm
CE marking (see declaration of conformity)
As per EU EMC directive
Certification
RCM compliance mark
Working distance
100 - 300 mm
Lighting type
Ring light
Type of light
Red
LED
Diffuse
Electrical connection
12-pin
2x M12
Plug
Trigger level
Level 18 V ... UB
Nominal operating voltage DC
24 V
Permissible voltage fluctuations
+/- 5%
Residual ripple
5 %
Current consumption during continuous operation
290 mA
Current consumption during flash operation
290 mA
Maximum number of devices connectable in series (diagram)
2
Reverse polarity protection
for all electrical connections
Ambient temperature during continuous operation
0 °C ... 35 °C
Ambient temperature during flash operation
0 °C ... 50 °C
Storage temperature
-20 °C ... 60 °C
Degree of protection
IP67
Product weight
150 g
Type of mounting
With mounting bracket
Housing material
Aluminum
Anodized
Note on materials
RoHS-compliant
6/7/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - SBAL-C6-R-R-D

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
SBAL-C6-R-NR-D FESTO-SBAL-C6-R-NR-D Datasheet
72Kb / 1P
Ring light
SBAL-C6-R-W-D FESTO-SBAL-C6-R-W-D Datasheet
73Kb / 1P
Ring light
More results

Similar Description - SBAL-C6-R-R-D

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS22 LUMILEDS-DS22 Datasheet
346Kb / 8P
power light source Luxeon Ring
logo
Marktech Corporate
MTLR-EZ500-450 MARKTECH-MTLR-EZ500-450 Datasheet
2Mb / 2P
EZ500 Miniature Light Ring
MTLR-EZ500-460 MARKTECH-MTLR-EZ500-460 Datasheet
2Mb / 2P
EZ500 Miniature Light Ring
MTLR-EZ500-470 MARKTECH-MTLR-EZ500-470 Datasheet
2Mb / 2P
EZ500 Miniature Light Ring
MTLR-EZ500-527 MARKTECH-MTLR-EZ500-527 Datasheet
2Mb / 2P
EZ500 Miniature Light Ring
MTLR-WZ700-C MARKTECH-MTLR-WZ700-C Datasheet
1Mb / 3P
WZ700 Miniature Light Ring
MTLR-WZ700-N MARKTECH-MTLR-WZ700-N Datasheet
1Mb / 3P
WZ700 Miniature Light Ring
MTLR-WZ700-W MARKTECH-MTLR-WZ700-W Datasheet
1Mb / 3P
WZ700 Miniature Light Ring
logo
Festo Corporation.
8031161 FESTO-8031161 Datasheet
73Kb / 1P
Ring light
8031163 FESTO-8031163 Datasheet
72Kb / 1P
Ring light
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com