Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1031V Datasheet(PDF) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # F1031V
Description  Micro Flow Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

F1031V Datasheet(HTML) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  F1031V Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. F1031V Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. F1031V Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. F1031V Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
Note:
①The measuring range within 20-300SLM.
②SLM means standard liter per minute. Standard-state: gas temperature is 20
℃ and pressure is
101.325 kPa. The testing environment is room temperature and clear air.
③The response time could be customized for 15-1000ms.
④The temperature compensation is for the tem. range of 0-50
℃ and the compensation
performance can’t be ensured beyond the temperature range.
Pins Definition
Calculation for Airflow
Actual flow=full scale * (sensor actual output voltage-zero output voltage) / (full scale output
voltage-zero output voltage)
For example: the sensor full scale is 200 SLM, the sensor zero output voltage is 0.5V and full scale
output voltage is 4.5V, and the actual output is 3.5V.
Then the actual flow=200 SLM * (3.5V – 0.5V)/(4.5V- 0.5V) = 150SLM
Cautions
1.The air inlet and air outlet of the sensor need to be equipped with long straight pipe to ensure
the product’s performance. It is recommended to leave a straight pipe for the inlet with 10 times
longer than the pipe diameter while the outlet will be 5 times longer.
2. If measured gas medium contains dirt, the sensor’s lifespan will be shortened. We suggest users
equip the sensor flow inlet with 5 micrometer precise filter.
3. The sensitivity of the product will reduce or be damaged if it contacts to water.
4. The wrong connecting of power supply will damage the internal circuit.
Pin
Function
1(black or gray)
GND
2(red)
VCC
3(yellow)
OUT
Stable 2. Pins definition



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com