Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT10202C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VT10202C
Description  Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.58 V at IF = 2.5 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT10202C Datasheet(HTML) 2 Page - Vishay Siliconix

  VT10202C Datasheet HTML 1Page - Vishay Siliconix VT10202C Datasheet HTML 2Page - Vishay Siliconix VT10202C Datasheet HTML 3Page - Vishay Siliconix VT10202C Datasheet HTML 4Page - Vishay Siliconix VT10202C Datasheet HTML 5Page - Vishay Siliconix VT10202C Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VT10202C, VFT10202C, VBT10202C, VIT10202C
www.vishay.com
Vishay General Semiconductor
Revision: 12-Jan-17
2
Document Number: 87796
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 5 ms
Notes
(1) The heat generated must be less than the thermal conductivity from junction-to-ambient: dPD/dTJ < 1/RJA
(2) Free air, without heatsink
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage per diode (1)
IF = 2.5 A
TA = 25 °C
VF
0.74
-
V
IF = 5.0 A
0.80
0.88
IF = 2.5 A
TA = 125 °C
0.58
-
IF = 5.0 A
0.65
0.73
Reverse current (2)
VR = 160 V
TA = 25 °C
IR
0.2
-
μA
TA = 125 °C
0.4
-
mA
VR = 200 V
TA = 25 °C
-
150
μA
TA = 125 °C
1.0
5
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VT10202C
VFT10202C
VBT10202C
VIT10202C
UNIT
Typical thermal resistance
per diode
RJC
3.4
6.8
3.4
3.4
°C/W
per device
RJC
2.2
4.4
2.2
2.2
per device
RJA (1)(2)
52
60
52
52
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
VT10202C-M3/4W
1.88
4W
50/tube
Tube
TO-263AB
VBT10202C-M3/4W
1.37
4W
50/tube
Tube
TO-263AB
VBT10202C-M3/8W
1.37
8W
800/reel
Tape and reel
TO-262AA
VIT10202C-M3/4W
1.44
4W
50/tube
Tube
ITO-220AB
VFT10202C-M3/4W
1.72
4W
50/tube
Tube



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com