Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPCK61 Datasheet(PDF) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # WPCK61
Description  WPCK61 General Type Isolation-Film Pressure Transmitter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

WPCK61 Datasheet(HTML) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  WPCK61 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. WPCK61 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. WPCK61 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. WPCK61 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. WPCK61 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
Environment
Temperature
-40℃~ +65℃
Storage Temperature
-40℃~ +105℃
Zero Point
Temperature Ratio
±0.03%FS/℃(≤
100kPa)
±0.02%FS/℃(>
100kPa)
Full Temperature Ratio
±0.03%FS/℃(≤
100kPa)
±0.02%FS/℃(>
100kPa)
Long-term Stability
±0.1%FS/year(typical)
±0.2%FS/year(max)
Note: Accuracy includes non-linear, repeatability, pressure hysteresis
indicators, and calibrate on 0.01%FS accuracy pressure measurement
equipment, in accordance with the relevant national standards.
Structure
Electrical Connection
Connector Connection Pin definition
Pin
Two Line
Three Line
1
Power Supply Positive(+V)
Power Supply Positive(+V)
2
Power Supply Negative(0V/+OUT)
Common Terminal (GND)
3
Empty
Output Positive(+ OUT)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com