Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000G Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # R2000G
Description  SURFACE MOUNT GLASS PASSIVATED HIGH VOLTAGE SILICON RECTIFIER VOLTAGE RANGE 2000 to 0.5/0.2 Ampere
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

R2000G Datasheet(HTML) 2 Page - Rectron Semiconductor

  R2000G Datasheet HTML 1Page - Rectron Semiconductor R2000G Datasheet HTML 2Page - Rectron Semiconductor R2000G Datasheet HTML 3Page - Rectron Semiconductor R2000G Datasheet HTML 4Page - Rectron Semiconductor R2000G Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RATING AND CHARACTERISTIC CURVES ( R2000G THRU R4000G )
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60Hz
60
50
40
30
20
10
0
110
8.3ms Single Half Sine-Wave
(JEDEC Method)
SURGE CURRENT
Single Phase Half Wave
60Hz Inductive or
Resistive Load
FIG. 1 - TYPICAL FORWARD CURRENT
AMBIENT TEMPERATURE, (
)
DERATING CURVE
0
50
100
150
175
500
400
300
200
100
0
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
TJ = 25
0
20
40
60
80
100
120
140
30
1
2
4
6
10
12
14
16
20
22
24
26
R2000G~R3000G
R4000G



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com