Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27TS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 27TS
Description  Head-mounted Two-wire Signal Conditioners 27-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

27TS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  27TS Datasheet HTML 1Page - M-System Co.,Ltd. 27TS Datasheet HTML 2Page - M-System Co.,Ltd. 27TS Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 27TS
27TS SPECIFICATIONS
ES-7655 Rev.8 Page 1/3
http://www.m-system.co.jp/
Head-mounted Two-wire Signal Conditioners
27-UNIT
THERMOCOUPLE TRANSMITTER
(PC programmable)
Functions & Features
• Accepts direct input from a thermocouple and provides a
standard 4 – 20mA DC signal
• Suitable for Functional Safety applications up to SIL2
• I/O range programming via PC Configurator
• User’s temperature table can be used
• Self diagnostics
• Low temperature drift
• CE marking (conforms to ATEX and EMC)
44 (1.73) DIA.
20.7
(.81)
mm (inch)
MODEL: 27TS–[1]
ORDERING INFORMATION
• Code number: 27TS-[1]
Specify a code from below for [1].
(e.g. 27TS-0)
Use Ordering Information Sheet (No. ESU-7655). Factory
standard setting will be used if not otherwise specified.
Specify the country in which the product is to be used with
the Safety Approval code 2.
[1] SAFETY APPROVAL
0: None
1: FM intrinsically safe
2: ATEX intrinsic safety
RELATED PRODUCTS
• USB interface Bell202 modem (model: COP-HU)
Usable in ‘non-hazardous’ area only.
• PC configurator software (model: 27MCFG)
Downloadable at M-System’s web site.
GENERAL SPECIFICATIONS
Construction: Sensor head-mounting
Connection: M3 screw terminals (torque 0.5 N·m)
Screw terminal: Nickel-plated brass
Housing material: Flame-resistant resin (black)
Isolation: Input to output
Cold Junction Compensation: CJC sensor incorporated
Self diagnostics: Detects internal error, burnout
User-configurable items: PC and the transmitter are
connected with the COP-HU.
• Input sensor type
• Input range
• Burnout
• Output limits (Upper / Lower)
• Damping time (factory set to 0)
• Linearization
• Output calibration
• Loop test output
INPUT SPECIFICATIONS
The input type is factory-set to K thermocouple, and the
input range to 0 to 100°C.
See Table 1 for the available input type, the minimum span,
and the maximum range.
Input resistance: 1 MΩ min.
*1. ±2°C
(3.6°F) for the range 400 – 850°C (752 – 1562°F)
*2. ±2°
C (3.6°F) for the range -50 – +100°C (-58 – +212°F)
■ THERMOCOUPLE
Input resistance: ≥ 1 MΩ
Temperature range
Table 1
THERMOCOUPLE
°C
±0.5
±0.9
±0.5
±0.9
±0.5
±0.9
±0.5
±0.9
±1
±1.8
±1
±1.8
K (CA)
E (CRC)
J (IC)
T (CC)
B (RH)
R
-180 to +1372
-292 to +2501
-100 to +1000
-148 to +1832
-100 to +1200
-148 to +2192
-200 to +400
-328 to +752
400 to 1820
752 to 3308
-50 to +1760
-58 to +3200
ACCURACY
MIN. SPAN USABLE RANGE
°F
50
90
°C
°F
50
90
°C
°F
50
90
°C
°F
50
90
°C
°F
100
180
°C
°F
100
180
°C
±1
±1.8
±1
±1.8
±1
±1.8
±0.5
±0.9
±0.5
±0.9
±0.5
±0.9
S
C (WRe 5-26)
D (WRe 3-25)
N
U
L
-50 to +1760
-58 to +3200
0 to 2300
32 to 4172
0 to 2300
32 to 4172
-180 to +1300
-292 to +2372
-200 to +600
-328 to +1112
-100 to +900
-148 to +1652
°F
100
180
°C
°F
100
180
°C
°F
100
180
°C
°F
50
90
°C
°F
50
90
°C
°F
50
90
*2
*1
*1
*2
*2
*2


Similar Part No. - 27TS

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
27T102C MURATA-27T102C Datasheet
148Kb / 3P
Surface Mount Power Inductors
27T103C MURATA-27T103C Datasheet
148Kb / 3P
Surface Mount Power Inductors
27T104C MURATA-27T104C Datasheet
148Kb / 3P
Surface Mount Power Inductors
27T152C MURATA-27T152C Datasheet
148Kb / 3P
Surface Mount Power Inductors
27T153C MURATA-27T153C Datasheet
148Kb / 3P
Surface Mount Power Inductors
More results

Similar Description - 27TS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
26R1 MSYSTEM-26R1 Datasheet
99Kb / 2P
Head-mounted Two-wire Signal Conditioners
26RS MSYSTEM-26RS Datasheet
102Kb / 3P
Head-mounted Two-wire Signal Conditioners
26TS1 MSYSTEM-26TS1 Datasheet
104Kb / 3P
Head-mounted Two-wire Signal Conditioners
6AC MSYSTEM-6AC Datasheet
101Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
27HU MSYSTEM-27HU Datasheet
156Kb / 5P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27HUB MSYSTEM-27HUB Datasheet
199Kb / 7P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27PM MSYSTEM-27PM Datasheet
131Kb / 3P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27R MSYSTEM-27R Datasheet
160Kb / 4P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27RS MSYSTEM-27RS Datasheet
160Kb / 4P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27U MSYSTEM-27U Datasheet
158Kb / 5P
Head-mounted Two-wire Signal Conditioners 27-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com