Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40DR Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 40DR
Description  Digital Panel Meters 40 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

40DR Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  40DR Datasheet HTML 1Page - M-System Co.,Ltd. 40DR Datasheet HTML 2Page - M-System Co.,Ltd. 40DR Datasheet HTML 3Page - M-System Co.,Ltd. 40DR Datasheet HTML 4Page - M-System Co.,Ltd. 40DR Datasheet HTML 5Page - M-System Co.,Ltd. 40DR Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: 40DR
40DR SPECIFICATIONS
ES-9533 Rev.10 Page 4/6
https://www.m-system.co.jp/
PARAMETER LIST
■ ZERO & SPAN ADJUSTMENTS
PARAMETER
DISPLAY
FUNCTION
DEFAULT VALUE
Zero adjustment
–
Adjustment value for -200°C
To distinguish from span adjustment, the rst decimal point is blink-
ing
Span adjustment
–
Adjustment value for 850°C
Temperature unit
Display in Celsius
Display in Fahrenheit (Temperature range: -328 to +1562°F)*
1
Decimal Point Position
10
-1 or none
Decimal point position for celsius
*1. For Fahrenheit, the value is rounded to integer. Decimal point position setting is not available.
■ DISPLAY SETTING MODE
PARAMETER
DISPLAY
FUNCTION
DEFAULT VALUE
Moving Average
No moving averaging
Moving average with 2 samples
Moving average with 4 samples
Moving average with 8 samples
Moving average with 16 samples
Brightness
Brightness level 1 (dark)
Brightness level 2
Brightness level 3
Brightness level 4
Brightness level 5 (bright)
Initialization
Non-initialization
Initialize settings (change to factory settings) *
1
Version Indication
−
Version number, indication only
−
*1. While “
” is shown, pressing Disp/
button or Scale/
button initializes settings.
Activating “initialization”, user’s speci ed parameters will be deleted and overwritten with the factory default values. Notice that after this,
Ex-factory settings will be irrecoverable.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com