Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47NLDYT Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 47NLDYT
Description  Digital Panel Meters 47NL Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47NLDYT Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  47NLDYT Datasheet HTML 1Page - M-System Co.,Ltd. 47NLDYT Datasheet HTML 2Page - M-System Co.,Ltd. 47NLDYT Datasheet HTML 3Page - M-System Co.,Ltd. 47NLDYT Datasheet HTML 4Page - M-System Co.,Ltd. 47NLDYT Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: 47NLDYT
47NLDYT SPECIFICATIONS
ES-9568 Rev.2 Page 4/5
https://www.m-system.co.jp/
96.0 (3.78)
8
(.31)
Max.
20.5 (.81)
6.4 (.25)
2
(.08)
2–4.5 (.18) dia.
• FRONT VIEW
• SIDE VIEW
■ TERMINAL BLOCK
• REAR VIEW
1
2
3
4
5
6
7
8
9
10
MOUNTING REQUIREMENTS unit: mm (inch)
• Single Mounting
• Clustered Mounting
42.25 (1.66)
42.25 (1.66)
min.120 (4.72)
Panel thickness: 1.0 to 3.2 mm
Panel thickness: 1.0 to 3.2 mm
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
9
10
4
5
6
7
8
Ry
Ry
H
COM
L
L OUTPUT
H OUTPUT
POWER
+
–
24V DC Supply
A/D Converter
Shortcircuit Portection
1
2
3
Digital
Computation
Display /
Setting
2-WIRE
TRANSMITTER
+
–
250Ω
V –
+
(1 – 5V DC)
MONITOR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com