Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47NLDY-G-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 47NLDY-G-R
Description  Digital Panel Meters 47NL Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47NLDY-G-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  47NLDY-G-R Datasheet HTML 1Page - M-System Co.,Ltd. 47NLDY-G-R Datasheet HTML 2Page - M-System Co.,Ltd. 47NLDY-G-R Datasheet HTML 3Page - M-System Co.,Ltd. 47NLDY-G-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: 47NLDY
47NLDY SPECIFICATIONS
ES-9567 Rev.2 Page 3/4
https://www.m-system.co.jp/
EXTERNAL VIEW
Alarm /
Max /Min
Scale /
Shift
Up
H
P
L
D/P
Spn
Zro
Tch
Max
Min
Fnc
(4) Max/Min Button
(7) Shift Button
(8) Up Button
(1) Main Display
(3) Function Indicators
(2) Alarm Indicators
(6) Scale/
Button
(5) Alarm/
Button
■ COMPONENT IDENTIFICATION
No.
COMPONENT
FUNCTION
(1) Main display
Indicates present values, setting values and status of the unit.
(2) Alarm indicators
Indicates the comparison result between alarm setting values and present values.
(3) Function indicators Indicates the status in each setting mode.
(4) Max/Min button
Used to switch the main display to show the present values, maximum values or minimum values.
(5) Alarm/
button
Used to check the alarm setpoints, to move on to the alarm and other setting modes; or to shift through setting
items in each setting mode.
(6) Scale/
button
Used to move on to the scaling and other setting modes; or to shift through setting items in each setting mode.
(7) Shift button
Used to move on to the setting standby status of each setting mode or to shift through display digits in each
setting item.
(8) Up button
Used to change setting values, to execute/cancel Forced Zero or to select setting values.
Note: Refer to the operating manual for details on each function.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
96.0 (3.78)
20.0(.79)
■ FRONT VIEW
■ REAR VIEW
■ SIDE VIEW
• SCREW MOUNTING
• MAGNET MOUNTING
Watertight packing
20.0(.79)
Magnet label sheet
4-M4 SCREW 8.0 (.31) deep
1 2 3 4 5 6 7 8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com