Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47NLN-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 47NLN-R
Description  Digital Panel Meters 47NL Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47NLN-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  47NLN-R Datasheet HTML 1Page - M-System Co.,Ltd. 47NLN-R Datasheet HTML 2Page - M-System Co.,Ltd. 47NLN-R Datasheet HTML 3Page - M-System Co.,Ltd. 47NLN-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: 47NLN
47NLN SPECIFICATIONS
ES-9563 Rev.4 Page 2/4
https://www.m-system.co.jp/
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Mounting: Magnet or screw mounting
Weight: 75 g (2.6 oz)
PERFORMANCE
Accuracy
Display: ±0.1 % ± 1 digit
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EXTERNAL VIEW
Max /Min
Scale /
Shift
Up
D/P
Spn
Zro
Tch
Max
Min
Fnc
(1) Main Display
(2) Function Indicators
(3) Max/Min Button
(4)
Button
(7) Up Button
(6) Shift Button
(5) Scale/
Button
■ COMPONENT IDENTIFICATION
No. COMPONENT
FUNCTION
(1) Main display
Indicates present values, setting values and status of the unit.
(2) Function indicators
Indicates the status in each setting mode.
(3) Max/Min button
Used to switch the main display to show the present values, maximum values or minimum values.
(4)
Button
Used to shift through setting items in each setting mode etc.
(5) Scale/
button
Used to move on to the scaling setting and other setting modes; or to shift through setting items in each set-
ting mode.
(6) Shift button
Used to move on to the setting standby status of each setting mode or to shift through display digits in each
setting item.
(7) Up button
Used to change setting values, to execute/cancel Forced Zero or to select setting values.
Note: Refer to the operating manual for details on each function.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com