Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47NLV-AR-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 47NLV-AR-R
Description  Digital Panel Meters 47NL Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47NLV-AR-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  47NLV-AR-R Datasheet HTML 1Page - M-System Co.,Ltd. 47NLV-AR-R Datasheet HTML 2Page - M-System Co.,Ltd. 47NLV-AR-R Datasheet HTML 3Page - M-System Co.,Ltd. 47NLV-AR-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: 47NLRT
47NLRT SPECIFICATIONS
ES-9566 Rev.3 Page 2/5
https://www.m-system.co.jp/
are displayed and blinking.
Alarm status indication
L indicator: Green turns on when the L alarm is tripped.
H indicator: Red turns on when the H alarm is tripped.
P indicator: Amber turns on when none of the other alarms
is tripped.
Only ‘P’ turns on when no-alarm is selected with
alarm setpoint.
Function indicators:
Zro, Spn, D/P, Tch, Fnc, Min, Max
Display mode status and operation status, amber ON or
blink
Engineering unit indication: Sticker label attached
DC, AC, mV, V, kV, μA, mA, A, kA, mW, W,
kW, var, kvar, Mvar, VA, Hz, Ω, kΩ, MΩ,
cm, mm, m, m/sec, mm/min, cm/min, m/min,
m/h, m/s2, inch, ℓ, ℓ/s, ℓ/min, ℓ/h, m3, m3/sec,
m3/min, m3/h, Nm3/h, N·m, N/m2, g, kg, kg/h,
N, kN, Pa, kPa, MPa, t, t/h, ℃, °F, %RH, J,
kJ, MJ, rpm, sec, min, pH, %, ppm, etc.
INPUT SPECIFICATIONS
■ RTD: 3-wire RTDs
Maximum leadwire resistance: 60 Ω per wire
Sensing current:
JPt 100 (JIS '89): 0.5mA
Pt 100 (JIS '89): 0.5mA
Pt 100 (JIS '97, IEC): 0.5mA
Pt 50 Ω (JIS '81): 0.5mA
Pt 1000: 0.05mA
Temperature Range
RTD
CONFORMANCE
RANGE
USABLE
RANGE
JPt 100 (JIS ’89)
°C
-200 to +500
-230 to +530
°F
-328 to +932
-382 to +986
Pt 100 (JIS ’89)
°C
-200 to +650
-230 to +680
°F
-328 to +1202
-382 to +1256
Pt 100
(JIS ’97, IEC)
°C
-200 to +850
-230 to +880
°F
-328 to +1562
-382 to +1616
Pt 50Ω (JIS ’81)
°C
-200 to +649
-230 to +679
°F
-328 to +1202
-382 to +1256
Pt 1000
°C
-200 to +850
-230 to +880
°F
-328 to +1562
-382 to +1616
OUTPUT SPECIFICATIONS
■ Alarm Output: Photo MOSFET Relay
Rating: 26.4 V DC @ 100 mA (resistive load)
ON resistance: ≤ 5 Ω
INSTALLATION
Power consumption
•DC: 0.7 W max.
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Mounting: Screw mounting
Weight: 120 g (0.26 lb)
PERFORMANCE
Accuracy
Display: ±1℃ ± 1 digit (±2°F ± 1 digit)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec.
(alarm output: 0 – 100 % at 90 % setpoint)
Burnout response: ≤ 10 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (input to alarm
output to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com