Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48AV Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 48AV
Description  Bargraph Indicators 48 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48AV Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  48AV Datasheet HTML 1Page - M-System Co.,Ltd. 48AV Datasheet HTML 2Page - M-System Co.,Ltd. 48AV Datasheet HTML 3Page - M-System Co.,Ltd. 48AV Datasheet HTML 4Page - M-System Co.,Ltd. 48AV Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: 48AV
http://www.m-system.co.jp/
48AV SPECIFICATIONS
ES-9312 Rev.18 Page 2/5
INPUT SPECIFICATIONS
■ DC Current: 0 – 50 mA DC; input resistor incorporated
Minimum span: 1 mA
0 % input: 0 mA DC
■ DC Voltage: 0 – 10 V DC
Minimum span: 1 V
0 % input: 0 V DC
OUTPUT SPECIFICATIONS
■ Alarm Output: Relay contact
Rated load: 125 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 2 A (resistive load)
Maximum switching voltage: 250 V AC or 220 V DC
Maximum switching power: 125 VA or 60 W
Minimum load: 10 mV DC @ 10 μA
Mechanical life: ≥ 108 cycles
0
50
100
Input
(%)
Lo Setpoint
Hi Setpoint
H Output
(8–10)ON
L Output
(3–5)ON
(3–4)ON
(9–10)ON
•Output Code : 2
0
50
100
Input
(%)
L
Setp.
H
Setp.
HH Output
(7–10)ON
LL Output
(3–5)ON
(3–4)ON
H Output
(3–6)ON
(8–10)ON
L Output
(9–10)ON
HH
Setp.
LL
Setp.
•Output Code : 4
Trip Operation in Power Failure:
Terminals 3 – 5, 9 – 10 turn ON
Alarm Trip Operation Terminal No. in parentheses
INSTALLATION
Power consumption
•AC: Approx. 5 VA (7 VA for multi-color LED)
•DC: Approx. 4 W (6 W for multi-color LED)
Operating temperature: 0 to 45°C (32 to 113°F)
Operating humidity: 40 to 80 % RH (non-condensing)
Mounting: Panel flush mounting
Weight: 590 g (1.30 lbs)
PERFORMANCE in percentage of span
Accuracy: ±1 % ±1 digit
Setting accuracy: ±1 %
Response time: 0.5 sec.
Insulation resistance: ≥ 10 MΩ with 500 V DC (input to
output to power)
Dielectric strength: 1500 V AC @ 1 minute
(input to power or ground)
1000 V AC @ 1 minute (power to ground, output to input or
power or ground)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com