Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

49AV2 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 49AV2
Description  Bargraph Indicators 49 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

49AV2 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  49AV2 Datasheet HTML 1Page - M-System Co.,Ltd. 49AV2 Datasheet HTML 2Page - M-System Co.,Ltd. 49AV2 Datasheet HTML 3Page - M-System Co.,Ltd. 49AV2 Datasheet HTML 4Page - M-System Co.,Ltd. 49AV2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: 49AV2
49AV2 SPECIFICATIONS
ES-9333 Rev.9 Page 3/5
http://www.m-system.co.jp/
EXTERNAL VIEW
0
20
40
60
80
100
V
SET
MODE
M-SYSTEM
HH
H
L
LL
SPAN
POINT
ZERO
HH
H
*
SPAN
POINT
ZERO
: Hi / Hi Setting & Indicator
: Hi Setting & Indicator
: Span Adjust. Indicator
: Decimal Point Position Set. Ind.
: Zero Adjust. Indicator
L
*
LL
: Lo Setting & Indicator
: Lo / Lo Setting & Indicator
SET
UP
DOWN
MODE
: Setting ENTER Button
: UP Button
: DOWN Button
: MODE Selector
Bargraph
Digital Meter
Note 1: HH, H, L, LL Settings are not available with model 49AV2-0.
* “H” and “L” indicators are replaced with “2” and “1” with the
49AV2-0.
“2” and “1” determine where the bargraph color changes.
Note 2: HH, LL Settings are not available with model 49AV2-2.
red
Hi or 2
Lo or 1
green
amber
Hi < Input
Hi or 2
Lo or 1
green
amber
Lo < Input < Hi
Hi or 2
Lo or 1
amber
Input < Lo
Mulit-Color Indication
Pattern 1
red
Hi or 2
Lo or 1
red
red
Hi < Input
Hi or 2
Lo or 1
green
green
Lo < Input < Hi
Hi or 2
Lo or 1
amber
Input < Lo
Pattern 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com