Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48SV2-BHCSRT Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 48SV2-BHCSRT
Description  Bargraph Indicators 48 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48SV2-BHCSRT Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  48SV2-BHCSRT Datasheet HTML 1Page - M-System Co.,Ltd. 48SV2-BHCSRT Datasheet HTML 2Page - M-System Co.,Ltd. 48SV2-BHCSRT Datasheet HTML 3Page - M-System Co.,Ltd. 48SV2-BHCSRT Datasheet HTML 4Page - M-System Co.,Ltd. 48SV2-BHCSRT Datasheet HTML 5Page - M-System Co.,Ltd. 48SV2-BHCSRT Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: 48SV2
48SV2 SPECIFICATIONS
ES-9315 Rev.3 Page 2/6
https://www.m-system.co.jp/
BARGRAPH DISPLAY
LED: 55-segment LED (0 - 100% display: 51)
56 mm (2.2”) long, 3.5 mm (.14”) wide
Display range: 0 - 100% (No scaling. The first or 55th
segment turns on when lower/upper overrange occurs. The
2nd and 54th segments do not turn on.)
Scale
• Numbers on the scale: 4 digits max.
(Including decimal point and minus sign)
• Divisions: 50 max.
• Engineering unit: Max. 4 characters or 2 double-width
characters
INPUT SPECIFICATIONS
■ DC Current: 0 – 50 mA DC; input resistor incorporated
Minimum span: 1 mA
When specifying a resistance value, choose from below.
5.1 Ω, 10 Ω, 12 Ω, 20 Ω, 39 Ω, 200 Ω
■ DC Voltage: -10 – +10 V DC
Input resistance: ≥ 1 MΩ
Minimum span: 0.1 V
Offset: Max. 1.5 times span
INSTALLATION
Power consumption
•DC:
0.8 W or less @ 5 V rating
1.0 W or less @ 24 V rating
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Mounting: Panel flush mounting
Weight: 90 g (0.2 lb)
PERFORMANCE in percentage of span
Accuracy: ±2 % ±1 digit
Response time: ≤ 0.5 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(input to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com