Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

49AV2-0W1A-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 49AV2-0W1A-R
Description  Bargraph Indicators 49 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

49AV2-0W1A-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  49AV2-0W1A-R Datasheet HTML 1Page - M-System Co.,Ltd. 49AV2-0W1A-R Datasheet HTML 2Page - M-System Co.,Ltd. 49AV2-0W1A-R Datasheet HTML 3Page - M-System Co.,Ltd. 49AV2-0W1A-R Datasheet HTML 4Page - M-System Co.,Ltd. 49AV2-0W1A-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: 49AV2
49AV2 SPECIFICATIONS
ES-9333 Rev.9 Page 2/5
http://www.m-system.co.jp/
Minimum scale value: 120 (3 digits, the decimal point
position disregarded)
Factory setting: 0.0 to 100.0
Display range: the ranges from -1999 to 9999 and from -10
to +110 % of input span
(The indicator blinks while displaying "Lo" when the input is
below -10% and "Hi" when the input is over 110%)
Decimal point position: 10–1, 10–2, 10–3 or none
Zero indication: Higher-digit zeros are suppressed
Engineering unit indication: Sticker label attached;
%, m, N/m2, m3/h, mm, ℃, Pa, A, pH, m3, Nm3/h, t/h, ℓ/h,
kg/h, kPa, abs, ppm, psi, kg/cm2G, N/cm2, lb/h, J, kJ, Nℓ, lbs,
Ω, μΩ, 1°, km3/h, Sm3
INPUT SPECIFICATIONS
■ DC Current: 0 – 50 mA DC; input resistor incorporated
Minimum span: 1 mA
■ DC Voltage: 0 – 10 V DC
Minimum span: 1 V
Input resistance: ≥ 1 MΩ
OUTPUT SPECIFICATIONS
■ Alarm Output: Relay contact
Rated load: 250 V AC @3 A (cos ø = 1)
30 V DC @3 A (resistive load)
Maximum switching voltage: 300 V AC, 50 V DC
Maximum switching power: 750 VA, 90 W
Minimum load: 5 V DC @100 mA
Mechanical life: ≥ 2 × 107 cycles (rate 300 cycles/min.)
0
50
100
GO
0
50
100
L
H
HH
LL
GO
Input
(%)
Input
(%)
L Setpoint
H Setpoint
H Output
L Output
(3–4)ON
(3–5)ON
(3–4)ON
(3–5)ON
HH Output
H Output
LL Output
L Output
• Alarm Output Code 4
Terminals 3 – 5, 10 – 12 turn on at a loss of power.
• Alarm Output Code 2
Alarm Trip Operation
Terminal No. in parentheses
(7–14)ON
(10–11)ON
(10–12)ON
(3–6)ON
(7–14)ON
(10–13)ON
(10–11)ON
(10–12)ON
INSTALLATION
Power consumption
•AC: Approx. 7 VA
• DC: Approx. 6 W
Operating temperature: 0 to 45°C (32 to 113°F)
Operating humidity: 40 to 80 %RH (non-condensing)
Mounting: Panel flush mounting
Weight: 500 g (1.1 lb)
PERFORMANCE in percentage of span
Accuracy
Bargraph: ±2 %
Digital indicator: ±0.5 %
Setpoint accuracy
Bargraph: ±2 %
Digital indicator: ±0.5 %
Response time: 0.5 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
2000 V AC @1 minute (input to power)
1500 V AC @ 1 minute (input to alarm output)
1500 V AC @ 1 minute (alarm output to power)
2000 V AC @ 1 minute (input or alarm output or power to
ground)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com