Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMF2X100J040D Datasheet(PDF) 2 Page - MacMic

Part # MMF2X100J040D
Description  400V 100A FRED Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic

MMF2X100J040D Datasheet(HTML) 2 Page - MacMic

  MMF2X100J040D Datasheet HTML 1Page - MacMic MMF2X100J040D Datasheet HTML 2Page - MacMic MMF2X100J040D Datasheet HTML 3Page - MacMic  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4
Unit
ns
ns
A
ns
A
MMF2X100J040D
ELECTRICAL CHARACTERISTICS (T C =25°C unless otherwise specified)
Symbol
Parameter/Test Conditions
Min.
Typ.
Max.
IRM
Maximum Reverse Leakage Current
VR = 400V
0.5
mA
VR = 400V, TJ = 125℃
10
VF
Forward Voltage
IF=100A
1.2
1.7
V
IF=100A,TJ=125℃
1.0
trr
Reverse Recovery Time
(IF = 1A, dIF/dt = -200A/μs, VR = 30V)
40
trr
Reverse Recovery Time
IF=100A,VR =200V,
62
IRRM
Maximum Reverse Recovery Current
dIF/dt =-200A/μs
6.7
trr
Reverse Recovery Time
IF=100A,VR =200V,
118
IRRM
Maximum Reverse Recovery Current
dIF/dt =-200A/μs ,TJ=125℃
14.2
VF(V)
dIF/dt(A/μs)
Figure 1. Forward Voltage Drop vs Forward Current
Figure 2. Reverse Recovery Time vs dIF/dt
dIF/dt(A/μs)
dIF/dt(A/μs)
Figure 3. Reverse Recovery Current vs dIF/dt
Figure 4. Reverse Recovery Charge vs dIF/dt
0
50
100
150
200
0
0.5
1
1.5
2
25℃
125℃
0
50
100
150
200
0
200
400
600
800
25℃
125℃
0
10
20
30
40
50
0
200
400
600
800
25℃
125℃
0
500
1000
1500
2000
2500
0
200
400
600
800
25℃
125℃
V
R=200V
I
F=100A
V
R=200V
I
F=100A
V
R=200V
I
F=100A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com