Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMF2X100J120D Datasheet(PDF) 2 Page - MacMic

Part # MMF2X100J120D
Description  1200V 100A FRED Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic

MMF2X100J120D Datasheet(HTML) 2 Page - MacMic

  MMF2X100J120D Datasheet HTML 1Page - MacMic MMF2X100J120D Datasheet HTML 2Page - MacMic MMF2X100J120D Datasheet HTML 3Page - MacMic  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4
Unit
ns
ns
A
ns
A
ns
A
MMF2X100J120D
ELECTRICAL CHARACTERISTICS (T C =25°C unless otherwise specified)
Symbol
Parameter/Test Conditions
Min.
Typ.
Max.
IRM
Maximum Reverse Leakage Current
VR = 1200V
0.5
mA
VR = 1200V, TJ = 125℃
10
VF
Forward Voltage
IF=100A
2.15
2.6
V
IF=100A,TJ=125℃
1.7
trr
Reverse Recovery Time
(IF = 1A, dIF/dt = -200A/μs, VR = 30V)
50
trr
Reverse Recovery Time
IF=100A,VR =600V,
125
IRRM
Maximum Reverse Recovery Current
dIF/dt =-200A/μs
9
trr
Reverse Recovery Time
IF=100A,VR =600V,
275
IRRM
Maximum Reverse Recovery Current
dIF/dt =-200A/μs ,TJ=125℃
19
76
trr
Reverse Recovery Time
IF=100A,VR =600V,
215
VF(V)
dIF/dt(A/μs)
Figure 1. Forward Voltage Drop vs Forward Current
Figure 2. Reverse Recovery Time vs dIF/dt
IRRM
Maximum Reverse Recovery Current
dIF/dt =-1000A/μs ,TJ=125℃
dIF/dt(A/μs)
dIF/dt(A/μs)
Figure 3. Reverse Recovery Current vs dIF/dt
Figure 4. Reverse Recovery Charge vs dIF/dt
0
50
100
150
200
0
0.5
1
1.5
2
2.5
3
3.5
25℃
125℃
0
100
200
300
400
500
0
200
400
600
800
1000
25℃
125℃
0
20
40
60
80
100
0
200
400
600
800
1000
25℃
125℃
0
2
4
6
8
10
12
0
200
400
600
800
1000
25℃
125℃
V
R=600V
I
F=100A
V
R=600V
I
F=100A
V
R=600V
I
F=100A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com