Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPX Datasheet(PDF) 1 Page - Festo Corporation.

Part # CPX
Description  Terminal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

CPX Datasheet(HTML) 1 Page - Festo Corporation.

  CPX Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Terminal
CPX
Part number: 197330
Data sheet
Overall data sheet – Individual values depend upon your configuration.
Feature
Value
KC characters
KC EMC
Type code
CPX
Diagnostics
Diagnostic memory
Channel-oriented and module-oriented diagnostics
Undervoltage of modules
Parameterization
Diagnostic behavior
Fail-safe response
forcing of channels
Signal setup
LED indicators
Bus status
Channel status
Module status
System status
Internal cycle time
< 1 ms
DC operating voltage range
18 V ... 30 V
Max. power supply
16 A
Nominal operating voltage DC
24 V
ATEX category gas
II 3G
Type of ignition protection for gas
Ex nA IIC T4 X Gc
Explosion protection certification outside the EU
EPL Gc (RU)
Explosive ambient temperature
-5°C <= Ta <= +50°C
Explosion prevention and protection
Zone 2 (ATEX)
Zone 2 (RU)
CE marking (see declaration of conformity)
As per EU EMC directive
as per EU explosion protection directive (ATEX)
As per EU RoHS directive
Storage temperature
-20 °C ... 70 °C
Degree of protection
IP65
IP67
Ambient temperature
-5 °C ... 50 °C
Certification
RCM compliance mark
c UL us - Recognized (OL)
Electrical actuation
Fieldbus
Integrated controller
Max. address capacity outputs
64 byte
Max. address capacity inputs
64 byte
6/8/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - CPX

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
CPX-16DE FESTO-CPX-16DE Datasheet
84Kb / 1P
Input module
CPX-2AA-U-I FESTO-CPX-2AA-U-I Datasheet
92Kb / 2P
Analogue module
CPX-2AE-U-I FESTO-CPX-2AE-U-I Datasheet
90Kb / 2P
Analogue module
CPX-2ZE2DA FESTO-CPX-2ZE2DA Datasheet
93Kb / 2P
Input/output module
CPX-4AE-4AA-H FESTO-CPX-4AE-4AA-H Datasheet
94Kb / 2P
Input module
More results

Similar Description - CPX

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
H2101-01 HARWIN-H2101-01 Datasheet
67Kb / 1P
TERMINAL
H2105A01 HARWIN-H2105A01 Datasheet
65Kb / 1P
TERMINAL
logo
Weidmuller
0514200000 WEIDMULLER-0514200000 Datasheet
51Kb / 2P
Modular terminal, accessories, Terminal rail (cable Modular terminal, accessories, Terminal rail (cable
logo
Harwin Plc
H2155-01 HARWIN-H2155-01 Datasheet
64Kb / 1P
TERMINAL
H2159-01 HARWIN-H2159-01 Datasheet
46Kb / 1P
TERMINAL
H2474-01 HARWIN-H2474-01 Datasheet
66Kb / 1P
TERMINAL
H2475-01 HARWIN-H2475-01 Datasheet
70Kb / 1P
TERMINAL
H2122-01 HARWIN-H2122-01 Datasheet
64Kb / 1P
TERMINAL
logo
List of Unclassifed Man...
TAB-ON ETC1-TAB-ON Datasheet
254Kb / 7P
TERMINAL
logo
Japan Automatic Machine...
JC-0810-14Z JAM-JC-0810-14Z Datasheet
38Kb / 1P
Terminal
05.12.12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com