Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTEU-DN Datasheet(PDF) 2 Page - Festo Corporation.

Part # CTEU-DN
Description  Bus node
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

CTEU-DN Datasheet(HTML) 2 Page - Festo Corporation.

  CTEU-DN Datasheet HTML 1Page - Festo Corporation. CTEU-DN Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Internal cycle time
1 ms per 1 byte of user data
DC operating voltage range
18 V ... 30 V
Intrinsic current consumption at nominal operating voltage
Typ. 65 mA
Max. power supply
4 A
Nominal operating voltage DC
24 V
Protocol
DeviceNet
CE marking (see declaration of conformity)
As per EU EMC directive
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Storage temperature
-20 °C ... 70 °C
Degree of protection
IP65
IP67
Ambient temperature
-5 °C ... 50 °C
Certification
RCM compliance mark
c UL us - Listed (OL)
Product weight
90 g
Max. address capacity outputs
8 byte
Max. address capacity inputs
8 byte
LED display (bus-specific)
IO: I/O status
MNS: network status
LED display (product-specific)
PS: operating voltage for electronics and load supply
X1: module system status at I-Port 1
X2: module system status at I-Port 2
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Housing material
PA
PC
6/8/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com