Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTEU-AS Datasheet(PDF) 2 Page - Festo Corporation.

Part # CTEU-AS
Description  Bus node
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

CTEU-AS Datasheet(HTML) 2 Page - Festo Corporation.

  CTEU-AS Datasheet HTML 1Page - Festo Corporation. CTEU-AS Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Degree of protection
IP65
IP67
Ambient temperature
-5 °C ... 50 °C
Certification
c UL us - Listed (OL)
Product weight
90 g
Max. address capacity outputs
2 byte
Max. address capacity inputs
2 byte
LED display (bus-specific)
AS-i: AS-Interface mode
LED display (product-specific)
PS: operating voltage for electronics and load supply
X1: module system status at I-Port 1
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Housing material
PA
6/8/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com