Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8086607 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8086607
Description  PROFINET Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8086607 Datasheet(HTML) 1 Page - Festo Corporation.

  8086607 Datasheet HTML 1Page - Festo Corporation. 8086607 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PROFINET Interface
CPX-AP-I-PN-M12
Part number: 8086607
Data sheet
Feature
Value
Dimensions W x L x H
45 mm x 170 mm x 35 mm
KC characters
KC EMC
Fieldbus interface, connection technology
M12x1, D-coded as per EN 61076-2-101
Diagnose per internal communication
Module error
Output short circuit/overload
Short circuit/overload in sensor supply
Load supply undervoltage
Max. power supply
2 x 4 A (external fuse required)
Note on degree of protection
Unused connections sealed
Communication interface, connection technology
M8x1, D-coded as per EN 61076-2-114
Fieldbus interface, connection type
2x socket
Permissible voltage fluctuations for electronics/sensors
± 25 %
Fieldbus interface, type
Ethernet
Power supply, connection technology
M8x1, A-coded as per EN 61076-2-104
Power supply, function
Incoming electronics/sensors and load
Fieldbus interface, function
Bus connection, incoming/forwarding
Voltage forwarding, connection technology
M8x1, A-coded as per EN 61076-2-104
Information on max. cable length
Power supply according to nominal voltage
Intrinsic current consumption at nominal operating voltage load
Typically 5 mA
Diagnostics via bus
Load switch-off
Load overvoltage
Load undervoltage
Electronics/sensors overvoltage
Electronics/sensors undervoltage
APDD invalid
Communication with AP module interrupted
Relative air humidity
5 - 95 %
Non-condensing
Fieldbus interface, galvanic isolation
yes
Communication interface, connection type
2x socket
Intrinsic current consumption at nominal operating voltage for
electronics/sensors
Typically 80 mA
Power supply, type of connection
Plug
Voltage forwarding, connection type
Socket
Communication interface, function
System communication XF20 OUT / XF21 OUT
Fieldbus interface, protocol
PROFINET IRT
PROFINET RT
Configuration support
GSDML file
Max. cable length
50 m system communication
6/8/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 8086607

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8086600 FESTO-8086600 Datasheet
90Kb / 2P
Digital input module
8086601 FESTO-8086601 Datasheet
92Kb / 2P
Digital input/output module
8086602 FESTO-8086602 Datasheet
89Kb / 2P
Digital input module
8086603 FESTO-8086603 Datasheet
91Kb / 2P
Digital input/output module
8086604 FESTO-8086604 Datasheet
89Kb / 2P
IO-Link Master
More results

Similar Description - 8086607

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
APAX-5071 ADVANTECH-APAX-5071 Datasheet
985Kb / 1P
PROFINET Communication Coupler
logo
Renesas Technology Corp
TPS-1 RENESAS-TPS-1_15 Datasheet
1Mb / 37P
Single Chip Interface Solution for PROFINET IO Devices
logo
List of Unclassifed Man...
1319746 ETC2-1319746 Datasheet
282Kb / 3P
Profinet Compliant Cables
logo
Renesas Technology Corp
TPS-1 RENESAS-TPS-1 Datasheet
697Kb / 39P
Single Chip Interface Solution for PROFINET IO Devices
logo
Harwin Plc
09-80-615-0100 HARWIN-09-80-615-0100 Datasheet
464Kb / 2P
Han ID Module Plug Profinet
logo
Pepperl+Fuchs Inc.
OHV-F230-B17 PF-OHV-F230-B17 Datasheet
285Kb / 2P
PROFINET Gateway
logo
Schneider Electric
VW3A3627 SCHNEIDER-VW3A3627 Datasheet
91Kb / 2P
Profinet communication module
Sep 18, 2021
logo
Pepperl+Fuchs Inc.
FB8222B.1.EL PF-FB8222B.1.EL Datasheet
830Kb / 3P
Gateway for PROFINET
LB8122A.1.EL PF-LB8122A.1.EL Datasheet
484Kb / 3P
Gateway for PROFINET
logo
Schneider Electric
VW3A3327 SCHNEIDER-VW3A3327 Datasheet
183Kb / 1P
Profinet - communication card
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com