Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60D Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 60D
Description  Field Network Modules 60-UNIT Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

60D Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  60D Datasheet HTML 1Page - M-System Co.,Ltd. 60D Datasheet HTML 2Page - M-System Co.,Ltd. 60D Datasheet HTML 3Page - M-System Co.,Ltd. 60D Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: 60D
60D SPECIFICATIONS
ES-6604 Rev.15 Page 3/4
https://www.m-system.co.jp/
EXTERNAL VIEW
MS
NS
CN1
PWR
I/O Connector
Euro Type Connector Terminal
for DeviceNet
NA1
NA0
NA2
NA3
NA4
NA5
DR0
DR1
ON
Node
Address
Setting
Baud Rate
Setting
NS Indicator LED
MS Indicator LED
Power LED
PU-2x Modular Jack
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
14
(.55)
38 (1.50)
72 (2.83)
109 (4.29)
139 (5.47)
[3.3 (.13)]
CLAMP
(top & bottom)
DIN RAIL
35mm wide
•When mounting, no extra space is needed between units.
60 (2.36)
72 (2.83)
7.8 (.31)
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
14–M3.5
SCREW
12
5
6
14
11
1
10
15
4
3
2
7
9
8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com