Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60F Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 60F
Description  Field Network Modules 60-UNIT Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

60F Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  60F Datasheet HTML 1Page - M-System Co.,Ltd. 60F Datasheet HTML 2Page - M-System Co.,Ltd. 60F Datasheet HTML 3Page - M-System Co.,Ltd. 60F Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: 60F
60F SPECIFICATIONS
ES-6610 Rev.3 Page 1/4
http://www.m-system.co.jp/
Field Network Modules 60-UNIT Series
ANALOG I/O MODULE
(Fuji Electric T-Link use)
Functions & Features
• Interfacing analog I/O signals from/to 10-RACK or 18-RACK
modules with T-Link
• Saving power and I/O wiring inside an instrumentation
panel
72
(2.83)
80 (3.15)
mm (inch)
678
678
153 (6.02)
MODEL: 60F-16[1]-[2][3]
ORDERING INFORMATION
• Code number: 60F-16[1]-[2][3]
Specify a code from below for each [1] through [3].
(e.g. 60F-161-K/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
NO. OF CHANNELS
16: 16 points
[1] I/O TYPE
1: Input
2: Output
[2] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
RELATED PRODUCTS
•Special cable (model: MCN34)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection
T-Link: Euro type connector terminal (applicable wire size:
0.2 to 2.5 mm2, stripped length 7 mm)
I/O: 34-pin connector (OMRON XG4A-3434)
Power input: M3.5 screw terminal
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: I/O to T-Link to power to FG1
Power indicator: Green LED turns on with power supplied.
T-Link SPECIFICATIONS
Configuration: Multi-drop
Communication: Half-duplex
Baud rate: 500 kbps
Transmission media/distance:
KPEV-SB 0.75 mm2 × 1 pair, 700 m
T-KPEV-SB, 1.25 mm2 × 1 pair, 1000 m
Station No.: Rotary switch; 00 - 99
(Factory default setting: 00)
L RUN indicator: Red LED ON at normal communication
L ERR. indicator: Red LED ON/blinking at communication
abnormality
L I/O indicator: Red LED blinking at normal I/O
L COM indicator: RED LED blinking at T-Link normal
communication
■ NUMBER OF CONNECTABLE UNITS WITH T-Link
Up to a maximum of 32 T-Link devices can be connected in
a single T-Link system. There is a limit of 100 words in
processor memory. Make sure that the configured word
area to be occupied does not exceed the 100-word range.
(According to the Fuji Electric MICREX-F Users Manual)
It is necessary to consider these criteria when connecting to
this device.
The below describes the number of words occupied per
device by number of modules.
• For input 16 / output 16 modules: 16


Similar Part No. - 60F

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
60F30DAB3 JSMC-60F30DAB3 Datasheet
386Kb / 6P
FAST RECOVER DIODE
202102A
60F30DAB3-GD-B JSMC-60F30DAB3-GD-B Datasheet
386Kb / 6P
FAST RECOVER DIODE
202102A
60F30DWS3-GG-B JSMC-60F30DWS3-GG-B Datasheet
386Kb / 6P
FAST RECOVER DIODE
202102A
60F30SAB3 JSMC-60F30SAB3 Datasheet
410Kb / 5P
FAST RECOVER DIODE
60F30SW3 JSMC-60F30SW3 Datasheet
410Kb / 5P
FAST RECOVER DIODE
More results

Similar Description - 60F

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
60C MSYSTEM-60C Datasheet
142Kb / 4P
Field Network Modules 60-UNIT Series
60D MSYSTEM-60D Datasheet
140Kb / 4P
Field Network Modules 60-UNIT Series
60M MSYSTEM-60M Datasheet
185Kb / 5P
Field Network Modules 60-UNIT Series
60S MSYSTEM-60S Datasheet
181Kb / 5P
Field Network Modules 60-UNIT Series
61A MSYSTEM-61A Datasheet
100Kb / 3P
Field Network Modules 61-UNIT Series
61C MSYSTEM-61C Datasheet
111Kb / 4P
Field Network Modules 61-UNIT Series
61D MSYSTEM-61D Datasheet
108Kb / 4P
Field Network Modules 61-UNIT Series
61F MSYSTEM-61F Datasheet
100Kb / 3P
Field Network Modules 61-UNIT Series
61M MSYSTEM-61M Datasheet
152Kb / 5P
Field Network Modules 61-UNIT Series
61S MSYSTEM-61S Datasheet
155Kb / 5P
Field Network Modules 61-UNIT Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com