Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60F-161-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 60F-161-R
Description  Field Network Modules 60-UNIT Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

60F-161-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  60F-161-R Datasheet HTML 1Page - M-System Co.,Ltd. 60F-161-R Datasheet HTML 2Page - M-System Co.,Ltd. 60F-161-R Datasheet HTML 3Page - M-System Co.,Ltd. 60F-161-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: 60F
60F SPECIFICATIONS
ES-6610 Rev.3 Page 3/4
http://www.m-system.co.jp/
EXTERNAL VIEW
CN1
L RUN
L ERR.
L I/O
L COM
PWR
3
2
3
2
I/O Connector
Euro Type Connector Terminal
for T-Link
Operating Status Indicator LED
Power Indicator LED
Station No. Setting Rotary Switches
Modular Jack
for Factory Calibration
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
14
(.55)
38 (1.50)
72 (2.83)
109 (4.29)
139 (5.47)
[3.3 (.13)]
CLAMP
(top & bottom)
DIN RAIL
35mm wide
•When mounting, no extra space is needed between units.
60 (2.36)
72 (2.83)
7.8 (.31)
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
14–M3.5
SCREW
12
5
6
14
11
1
10
15
4
3
2
7
9
8
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
POWER
7
14
8
Transmission
To 10-RACK, 18-RACK etc.
U( + )
V( − )
GROUNDING FG1
+
−
SHIELDED
TWISTED-PAIR
To other T-Link devices
JUMPER PIN*
A/D
or
D/A
Converter
I/O Side
CPU
SERIAL
TRANSMISSION LINE
Modular Jack
for Factory
Calibration
MODULAR
JACK
CPU For T-Link
Transmission
T1
T2
SD
RT+
RT−
TERMINATING
RESISTOR
Indicator
LED
Station No.
Setting Rotary
Switches
* When the unit is located at the end of transmission line via twisted-pair
cable (= no cross-wiring), short across terminals RT+, RT- with the
jumper pin (or wire) provided with the unit.
Remove the jumper pin for the one not located at the end.
Note: Use T1, T2, SD terminals for cross-wiring.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com