Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60S-162-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 60S-162-R
Description  Field Network Modules 60-UNIT Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

60S-162-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  60S-162-R Datasheet HTML 1Page - M-System Co.,Ltd. 60S-162-R Datasheet HTML 2Page - M-System Co.,Ltd. 60S-162-R Datasheet HTML 3Page - M-System Co.,Ltd. 60S-162-R Datasheet HTML 4Page - M-System Co.,Ltd. 60S-162-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: 60S
60S SPECIFICATIONS
ES-6612 Rev.3 Page 4/5
http://www.m-system.co.jp/
60S
DLA1
DLA1
6 7 8
6 7 8
DAL4
DAL4
60S
60S
DLA1
DLA1
6 7 8
6 7 8
6 7 8
6 7 8
22LA1
DLA1
DLA1
60S
6 7 8
6 7 8
TRANSMISSION LINE CONFIGURATION
The multi-drop transmission line containing 22LA1, DLA1
and 60S modules should meet the following conditions.
Contact M-System's sales office or representatives when
designing.
A) 10 kilometers at maximum in total system.
B) 60S module plus DLA1 units: One multitransmission
line containing a 60S module can consist of a maximum
of 16 units within the total distance of 500 m.
C) 60S modules, DLA1 units plus Repeater (model:
DAL4): DAL4 units can expand the total distance.
(6 DAL4 units max.)
D) 60S module, 22LA1 module plus DLA1 units: The
total distance of a section consisting of 60S and 22LA1
modules is less than 500 meters. They can be connected
to DLA1 units via a DLA1-7 unit.
(Eight DLA1-7 units max.)
EXTERNAL VIEW
CN1
I/O Connector
Power Indicator LED
RUN Indicator LED
Station No. Setting
Rotary Switches
Modular Jack
for Factory Calibration
SIN-NET Terminals
Terminals for Terminating Resistor
RUN Contact Output
PWR
RUN
6
345
6
345
PU-2x
SA1
SA2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com