Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60C-082-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 60C-082-R
Description  Field Network Modules 60-UNIT Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

60C-082-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  60C-082-R Datasheet HTML 1Page - M-System Co.,Ltd. 60C-082-R Datasheet HTML 2Page - M-System Co.,Ltd. 60C-082-R Datasheet HTML 3Page - M-System Co.,Ltd. 60C-082-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: 60C
60C SPECIFICATIONS
ES-6602 Rev.10 Page 4/4
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
14
(.55)
38 (1.50)
72 (2.83)
109 (4.29)
139 (5.47)
[3.3 (.13)]
CLAMP
(top & bottom)
DIN RAIL
35mm wide
•When mounting, no extra space is needed between units.
60 (2.36)
72 (2.83)
7.8 (.31)
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
14–M3.5
SCREW
12
5
6
14
11
1
10
15
4
3
2
7
9
8
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
A / D
or
D / A
Conv.
I / O
CPU
CC-Link
INTERFACE
SERIAL
TRANSMISSION
LINE
Modular Jack
for Factory
Calibration
MODULAR JACK
ROTARY
SW
INDICATOR
LED
U(+)
V(–)
POWER
7
14
FG1
8
To Other
CC-Link
Devices
Terminator
COMMUNICATION MODULE
DA
DB
DG
SLD
FG
*
*Attach the terminating resistor when the module is
at the termination of a transmission line.
To 10-RACK,
18-RACK etc.
■ COMMUNICATION CABLE CONNECTIONS
DA
DB
DG
SLD
FG
MASTER UNIT
DA
DB
DG
SLD
FG
ANALOG I/O MODULE
DA
DB
DG
SLD
FG
I/O UNIT
TERMINATOR
blue
white
yellow
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com